Electronic Components Datasheet Search
  English  ▼

X  

MP6973GS Datasheet (PDF) - Monolithic Power Systems

MP6973GS Datasheet PDF - Monolithic Power Systems
Part # MP6973GS
Download  MP6973GS Download
File Size   780.86 Kbytes
Page   15 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description CCM/DCM Flyback Ideal Diode with Integrated 100V/14mΩ MOSFET with Slew Rate Detection

MP6973GS Datasheet (PDF)

Go To PDF Page Download Datasheet
MP6973GS Datasheet PDF - Monolithic Power Systems

Part # MP6973GS
Download  MP6973GS Click to download

File Size   780.86 Kbytes
Page   15 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description CCM/DCM Flyback Ideal Diode with Integrated 100V/14mΩ MOSFET with Slew Rate Detection

MP6973GS Datasheet (HTML) - Monolithic Power Systems


MP6973GS Product details

DESCRIPTION
The MP6973 is a fast turn-off, intelligent rectifier
for flyback converters that integrates a
100V/14mΩ MOSFET. It can replace a diode
rectifier for higher efficiency and power density.
The chip regulates the forward voltage drop of
the internal power switch to VFWD (40mV) and
turns off before the drain-source voltage
reverses.
The MP6973 is optimized for low-side
rectification. The internal ringing detection
circuitry prevents the MP6973 from falsely
turning on during discontinuous conduction
mode (DCM) or quasi-resonant operations.
The MP6973 is available in an SOIC-8 package.

FEATURES
 Integrated 100V/14mΩ MOSFET
 Optimized Efficiency for Low-Side
Rectification
 Ringing Detection Prevents False Turn-On
during DCM Operations
 Compatible with Energy Star
 110μA Quiescent Current
 Supports DCM, CCM, and Quasi-Resonant
Operations
 Wide Output Range Down to 0V
 Available in an SOIC-8 Package

APPLICATIONS
 Laptop Adapters
 QC and USB PD Chargers
 High-Efficiency Flyback Converters




Similar Part No. - MP6973GS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6900 MPS-MP6900 Datasheet
281Kb / 12P
Fast Turn-off Intelligent Controller
MP6900DJ MPS-MP6900DJ Datasheet
281Kb / 12P
Fast Turn-off Intelligent Controller
MP6900DQ MPS-MP6900DQ Datasheet
281Kb / 12P
Fast Turn-off Intelligent Controller
MP6900DS MPS-MP6900DS Datasheet
281Kb / 12P
Fast Turn-off Intelligent Controller
logo
Toshiba Semiconductor
MP6901 TOSHIBA-MP6901 Datasheet
170Kb / 7P
High Power Switching Applications. Hammer Drive, Pulse Motor Drive and Inductive Load Switching
More results


Similar Description - MP6973GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1751LT_1301 NXP-TEA1751LT_1301 Datasheet
277Kb / 31P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-9 January 2013
TEA1755T PHILIPS-TEA1755T Datasheet
949Kb / 35P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1-25 October 2012
TEA1755LT PHILIPS-TEA1755LT Datasheet
341Kb / 35P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1.1-13 March 2015
TEA1753T PHILIPS-TEA1753T Datasheet
346Kb / 32P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-24 August 2012
TEA1753LT PHILIPS-TEA1753LT Datasheet
349Kb / 32P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-24 August 2012
logo
Fairchild Semiconductor
FAN501A FAIRCHILD-FAN501A Datasheet
1Mb / 16P
Offline DCM / CCM Flyback PWM Controller for Charger Applications
logo
Linear Technology
LT4276 LINER-LT4276 Datasheet
785Kb / 10P
PoE PD with Synchronous Flyback and Ideal Diode Bridge
logo
NXP Semiconductors
TEA1751T NXP-TEA1751T_V01 Datasheet
273Kb / 31P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-10 January 2013
TEA1752LT NXP-TEA1752LT Datasheet
297Kb / 33P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 2-15 November 2012
TEA1755T NXP-TEA1755T_V01 Datasheet
331Kb / 35P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1.1-13 March 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com