Electronic Components Datasheet Search
  English  ▼

X  

MCP3421A2T-E/OT Datasheet (PDF) - Microchip Technology

MCP3421A2T-E/OT Datasheet PDF - Microchip Technology
Part # MCP3421A2T-E/OT
Download  MCP3421A2T-E/OT Download
File Size   1083.69 Kbytes
Page   30 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference

MCP3421A2T-E/OT Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP3421A2T-E/OT Datasheet PDF - Microchip Technology

Part # MCP3421A2T-E/OT
Download  MCP3421A2T-E/OT Click to download

File Size   1083.69 Kbytes
Page   30 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference

MCP3421A2T-E/OT Datasheet (HTML) - Microchip Technology


MCP3421A2T-E/OT Product details

Description
The MCP3421 is a single channel low-noise, high accuracy ΔΣ A/D converter with differential inputs and up to 18 bits of resolution in a small SOT-23-6 package. The on-board precision 2.048V reference voltage enables an input range of ±2.048V differentially (Δ voltage = 4.096V). The device uses a two-wire I2C compatible serial interface and operates from a single 2.7V to 5.5V power supply.

Features
• 18-bit ΔΣ ADC in a SOT-23-6 package
• Differential Input Operation
• Self Calibration of Internal Offset and Gain Per
   Each Conversion
• On-Board Voltage Reference:
   - Accuracy: 2.048V ± 0.05%
   - Drift: 15 ppm/°C
• On-Board Programmable Gain Amplifier (PGA):
   - Gains of 1,2, 4 or 8
• On-Board Oscillator
• INL: 10 ppm of FSR (FSR = 4.096V/PGA)
• Programmable Data Rate Options:
   - 3.75 SPS (18 bits)
   - 15 SPS (16 bits)
   - 60 SPS (14 bits)
   - 240 SPS (12 bits)
• One-Shot or Continuous Conversion Options
• Low Current Consumption:
   - 145 µA typical
      (VDD= 3V, Continuous Conversion)
   - 39 µA typical
      (VDD= 3V, One-Shot Conversion with 1 SPS)
• Supports I2C Serial Interface:
   - Standard, Fast and High Speed Modes
• Single Supply Operation: 2.7V to 5.5V
• Extended Temperature Range: -40°C to +125°C

Typical Applications
• Portable Instrumentation
• Weigh Scales and Fuel Gauges
• Temperature Sensing with RTD, Thermistor, and
   Thermocouple
• Bridge Sensing for Pressure, Strain, and Force.




Similar Part No. - MCP3421A2T-E/OT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3421A2T-E/CH MICROCHIP-MCP3421A2T-E/CH Datasheet
761Kb / 42P
18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
More results


Similar Description - MCP3421A2T-E/OT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7741 BURR-BROWN-DAC7741 Datasheet
421Kb / 10P
16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Analog Devices
ADS1000 AD-ADS1000 Datasheet
243Kb / 17P
LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Microchip Technology
MCP3425 MICROCHIP-MCP3425 Datasheet
497Kb / 30P
16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2007
MCP3421 MICROCHIP-MCP3421_09 Datasheet
761Kb / 42P
18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
MCP3425 MICROCHIP-MCP3425_09 Datasheet
734Kb / 38P
16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
MCP3422 MICROCHIP-MCP3422 Datasheet
1Mb / 58P
18-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
2009
logo
Maxim Integrated Produc...
MCP3426 MAXIM-MCP3426 Datasheet
950Kb / 56P
16-Bit, Multi-Channel Analog-to-Digital Converter with I2C Interface and On-Board Reference
03/26/09
logo
Texas Instruments
ADS1000-Q1 TI1-ADS1000-Q1 Datasheet
661Kb / 20P
LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
logo
Microchip Technology
MCP3428-ESL MICROCHIP-MCP3428-ESL Datasheet
950Kb / 56P
16-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
03/26/09
logo
Texas Instruments
ADS1000 TI1-ADS1000_14 Datasheet
629Kb / 23P
LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com