Electronic Components Datasheet Search
  English  ▼

X  

IP4256CZ5-W Datasheet (PDF) - Nexperia B.V. All rights reserved

IP4256CZ5-W Datasheet PDF - Nexperia B.V. All rights reserved
Part # IP4256CZ5-W
Download  IP4256CZ5-W Download
File Size   862.21 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single and dual-channel passive filter network with ESD protection

IP4256CZ5-W Datasheet (PDF)

Go To PDF Page Download Datasheet
IP4256CZ5-W Datasheet PDF - Nexperia B.V. All rights reserved

Part # IP4256CZ5-W
Download  IP4256CZ5-W Click to download

File Size   862.21 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single and dual-channel passive filter network with ESD protection

IP4256CZ5-W Datasheet (HTML) - Nexperia B.V. All rights reserved


IP4256CZ5-W Product details

1.1 General description
The IP4256CZ3-M is a single-channel low-pass filter while the IP4256CZ5-W and
IP4256CZ6-F are dual-channel RC low-pass filters. All devices provide high-level
ElectroStatic Discharge (ESD) protection.
The devices are designed to protect a range of portable communication transmitter
applications against unwanted RF signals. The devices incorporate diodes to provide
protection to downstream components from ESD voltages up to ±25 kV contact discharge
far exceeding IEC 61000-4-2, level 4.
The devices are manufactured using monolithic silicon technology in lead-free plastic
packages.
1.2 Features and benefits
Pb-free, Restriction of Hazardous Substances (RoHS) compliant and free of halogen
and antimony (Dark Green compliant)
100 Ω series channel resistance and 30 pF channel capacitance at 0 V bias
voltage (DC)
ESD protection up to ±25 kV contact discharge far exceeding IEC 61000-4-2, level 4
Single and dual-channel integrated π-type RC filter network
IP4256CZ3-M: single-channel device in a 3-pin Quad Flat-pack No-leads (QFN)
compatible MicroPak plastic package
IP4256CZ5-W: dual-channel device in a 5-pin plastic package with 0.5 mm pitch
IP4256CZ6-F: dual-channel device in a 6-pin QFN compatible MicroPak plastic
package with 0.5 mm pitch
1.3 Applications
General-purpose ElectroMagnetic Interference (EMI), Radio Frequency
Interference (RFI) filtering and downstream ESD protection for:
Cellular phone and Personal Communication System (PCS) mobile handset
Cordless telephone
Wireless data (WAN/LAN) system




Similar Part No. - IP4256CZ5-W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4256CZ5-W NXP-IP4256CZ5-W Datasheet
265Kb / 13P
Single and dual-channel passive filter network with ESD protection
Rev. 1-23 July 2010
IP4256CZ5-W NXP-IP4256CZ5-W Datasheet
265Kb / 13P
Single and dual-channel passive filter network with ESD protection
Rev. 1-23 July 2010
More results


Similar Description - IP4256CZ5-W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4256CZ3-M NXP-IP4256CZ3-M Datasheet
265Kb / 13P
Single and dual-channel passive filter network with ESD protection
Rev. 1-23 July 2010
IP4256CZ3-M NXP-IP4256CZ3-M_13 Datasheet
265Kb / 13P
Single and dual-channel passive filter network with ESD protection
Rev. 1-23 July 2010
IP4252CZ12-6-TTL PHILIPS-IP4252CZ12-6-TTL Datasheet
327Kb / 18P
Integrated 4-, 6- and 8-channel passive filter network with ESD protection
Rev. 2-5 May 2011
IP3253CZ16-8-TTL NXP-IP3253CZ16-8-TTL Datasheet
362Kb / 13P
Integrated 4-, 6- and 8-channel passive EMI-filter network with high-level ESD protection
Rev. 1-5 May 2011
IP3319CX6 PHILIPS-IP3319CX6_15 Datasheet
363Kb / 15P
Single-channel common-mode filter with integrated ESD protection network
Rev. 2-29 May 2013
logo
Nexperia B.V. All right...
IP4047CX6 NEXPERIA-IP4047CX6 Datasheet
329Kb / 12P
Dual channel integrated passive filter network with ESD protection
IP4251-TTL NEXPERIA-IP4251-TTL Datasheet
907Kb / 18P
Integrated 4-, 6- and 8-channel passive filter network with ESD protection
Rev. 2 - 5 May 2011
PEMIXQFN NEXPERIA-PEMIXQFN Datasheet
1Mb / 30P
Integrated 1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
PEMIXCSP NEXPERIA-PEMIXCSP Datasheet
250Kb / 17P
Integrated 4-, 6- and 8-channel passive filter network with ESD protection
IP3319CX6 NEXPERIA-IP3319CX6 Datasheet
928Kb / 15P
Single-channel common-mode filter with integrated ESD protection network
Rev. 2 - 29 May 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com