Electronic Components Datasheet Search
  English  ▼

X  

MCP16412T-I/MN Datasheet (PDF) - Microchip Technology

MCP16412T-I/MN Datasheet PDF - Microchip Technology
Part # MCP16412T-I/MN
Download  MCP16412T-I/MN Download
File Size   1868.75 Kbytes
Page   44 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation

MCP16412T-I/MN Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP16412T-I/MN Datasheet PDF - Microchip Technology

Part # MCP16412T-I/MN
Download  MCP16412T-I/MN Click to download

File Size   1868.75 Kbytes
Page   44 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation

MCP16412T-I/MN Datasheet (HTML) - Microchip Technology


MCP16412T-I/MN Product details

Description
The MCP1641X Step-up DC-DC Converters family
provides an automatic input-to-output voltage bypass
operation, which helps optimize battery utilization and
achieve high efficiency, while the nominal voltage of
fresh batteries remains in the same range with the converter’s
output value. The MCP1641X can be powered
by either single-cell, two-cell alkaline/NiMH batteries or
single-cell Li-Ion/Li-Polymer batteries.
A low-voltage designed architecture allows the
regulator to start up without high inrush current or
output voltage overshoot from a low input voltage. The
start-up voltage is easily programmed by a resistive
divider connected to the UVLO pin. If the resistive
divider is not used, the default start-up voltage is 0.85V.
The 0.8V built-in UVLOSTOP helps prevent deep discharge
of the alkaline battery, which can cause battery
leakage. An open-drain Low Battery Output (LBO) pin
warns the user to replace the battery if the input voltage
ramps down to the programmed UVLOSTART value.
The MCP1641X family introduces an additional safety
feature to a low-voltage boost converter: Overtemperature
Output. Devices, such as personal care
products, Bluetooth headsets or toys, will benefit from
the combined Power Good and Die Overtemperature
(PGT) output, which flags a warning signal when the output
voltage level drops within 10% or the die temperature
exceeds the +75°C (typical).(1) Both functions are
implemented in the MCP16411/2/3/4 devices (on the
same pin, PGT), while the MCP16415/6/7/8 devices
have only the Power Good option.

Features
• Input Voltage Range: 0.8V (after Start-up) 
to 5.25V
• Low Device Quiescent Current: 5 μA (typical),
PFM Mode (not switching)
• Up to 96% Efficiency
• 1A Typical Inductor Peak Current Limit:
- IOUT > 170 mA at 2V VOUT, 1.2V VIN
- IOUT > 200 mA at 3.3V VOUT, 1.5V VIN
- IOUT > 600 mA at 5.0V VOUT, 3.6V VIN
• Adjustable Output Voltage Range
• Automatic Input-to-Output Bypass Operation
• Selectable Switching Mode:
- PWM operation: 500 kHz (MCP16412/4/6/8)
- Automatic PFM/PWM operation
(MCP16411/3/5/7)
• Programmable Undervoltage Lockout (UVLO)
• Programmable Low Battery Output (LBO)
• Selectable Status Indicator:
- Power Good and Die Overtemperature 
output (MCP16411/2/3/4)
- Power Good output (MCP16415/6/7/8)
• Internal Synchronous Rectifier
• Internal Compensation
• Inrush Current Limiting and Internal Soft Start
• Low Noise, Anti-Ringing Control
• Thermal Shutdown
• Selectable Shutdown States:
- Output discharge option (MCP16411/2/5/6)
- Input-to-output bypass option
(MCP16413/4/7/8)
• Shutdown Current: 2.3 μA (typical)
• Available Packages:
- 10-Lead MSOP
- 10-Lead 3 mm x 3 mm TDFN

Applications
• Personal and Health Care Products
• Single-Cell or Two-Cell Powered IoT Devices
• Bluetooth® Headsets
• Remote Controllers, Portable Instruments
• Wireless Sensors, Data Loggers




Similar Part No. - MCP16412T-I/MN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16412T-I/MN MICROCHIP-MCP16412T-I/MN Datasheet
1Mb / 44P
Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
02/28/20
More results


Similar Description - MCP16412T-I/MN

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PS0020 PICSEMI-PS0020 Datasheet
156Kb / 10P
Low Iq Synchronous Boost Converter with Output Disconnect
logo
Texas Instruments
TPS61093 TI-TPS61093 Datasheet
753Kb / 20P
LOW INPUT BOOST CONVERTER WITH INTEGRATED POWER DIODE AND INPUT/OUTPUT ISOLATION
logo
Monolithic Power System...
MP3425 MPS-MP3425 Datasheet
720Kb / 13P
3A, 55V Boost Converter with Programmable Switching Frequency and UVLO
logo
Texas Instruments
TPS61291 TI-TPS61291_15 Datasheet
1Mb / 25P
TPS61291 Low Iq Boost Converter with Bypass Operation
TPS61291 TI1-TPS61291_16 Datasheet
1Mb / 25P
TPS61291 Low Iq Boost Converter with Bypass Operation
logo
Monolithic Power System...
MP3426 MPS-MP3426 Datasheet
388Kb / 15P
6A, 35V Boost Converter with Programmable Switching Frequency and UVLO
EV3426-L-00A MPS-EV3426-L-00A Datasheet
541Kb / 7P
6A, 35V Boost Converter with Programmable Switching Frequency and UVLO Evaluation Board
EVQ3426-L-00A MPS-EVQ3426-L-00A Datasheet
307Kb / 7P
6A, 35V Boost Converter with Programmable Switching Frequency and UVLO Evaluation Board
logo
Microchip Technology
MCP1641X MICROCHIP-MCP1641X Datasheet
1Mb / 44P
Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
02/28/20
logo
Renesas Technology Corp
ISL9122A RENESAS-ISL9122A Datasheet
873Kb / 29P
Ultra-Low IQ Buck-Boost Regulator With Bypass
Mar 17, 2022
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com