Electronic Components Datasheet Search
  English  ▼

X  

UPC8230TU Datasheet (PDF) - Renesas Technology Corp

UPC8230TU Datasheet PDF - Renesas Technology Corp
Part # UPC8230TU
Download  UPC8230TU Download
File Size   313.07 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BIPOLAR ANALOG INTEGRATED CIRCUIT

UPC8230TU Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC8230TU Datasheet PDF - Renesas Technology Corp

Part # UPC8230TU
Download  UPC8230TU Click to download

File Size   313.07 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BIPOLAR ANALOG INTEGRATED CIRCUIT

UPC8230TU Datasheet (HTML) - Renesas Technology Corp


UPC8230TU Product details

FEATURES
• Low noise : NF = 0.85 dB TYP. @ fin = 1 575 MHz
• High gain : GP = 18.5 dB TYP. @ fin = 1 575 MHz
• Low current consumption : ICC = 6.0 mA TYP. @ VCC = 3.0 V
• Built-in power-saving function
• High-density surface mounting : 8-pin lead-less minimold package (2.0 × 2.0 × 0.5 mm)
• Included output matching circuit
• Included very robust bandgap regulator (Small VCC and TA dependence)
• Included protection circuits for ESD




Similar Part No. - UPC8230TU

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC8230TU CEL-UPC8230TU Datasheet
148Kb / 9P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC8230TU CEL-UPC8230TU Datasheet
424Kb / 8P
SiGe:C LOW NOISE AMPLIFER FOR GPS
UPC8230TU-E2 CEL-UPC8230TU-E2 Datasheet
148Kb / 9P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC8230TU-E2 CEL-UPC8230TU-E2 Datasheet
424Kb / 8P
SiGe:C LOW NOISE AMPLIFER FOR GPS
UPC8230TU-E2-A CEL-UPC8230TU-E2-A Datasheet
148Kb / 9P
BIPOLAR ANALOG INTEGRATED CIRCUIT
More results


Similar Description - UPC8230TU

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC177GR-9LG RENESAS-UPC177GR-9LG Datasheet
314Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC317 RENESAS-UPC317 Datasheet
345Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
UPC339 RENESAS-UPC339 Datasheet
236Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1997
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com