Electronic Components Datasheet Search
  English  ▼

X  

MAX77647 Datasheet (PDF) - Analog Devices

MAX77647 Datasheet PDF - Analog Devices
Part # MAX77647
Download  MAX77647 Download
File Size   2586.65 Kbytes
Page   86 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultra-Configurable SIMO PMIC Featuring 3-Output Buck-Boost, 1-LDO for Long Battery Life Primary Cell Applications

MAX77647 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX77647 Datasheet PDF - Analog Devices

Part # MAX77647
Download  MAX77647 Click to download

File Size   2586.65 Kbytes
Page   86 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultra-Configurable SIMO PMIC Featuring 3-Output Buck-Boost, 1-LDO for Long Battery Life Primary Cell Applications

MAX77647 Datasheet (HTML) - Analog Devices


MAX77647 Product details

General Description
The MAX77646/MAX77647 provides power supply solutions
for low-power applications where size and efficiency
are critical. The IC features a Single Inductor Multiple Output
(SIMO) buck-boost regulator that provides three independently
programmable power rails from a single inductor
to minimize total solution size. A 150mA LDO provides
ripple rejection for audio and other noise-sensitive applications.
The LDO can also be configured as a load switch
to manage power consumption by disconnecting external
blocks when not required.
The MAX77646/MAX77647 operates with battery voltages
from 1.8V with coin-cell, dual silver oxide, dual alkaline,
and LiSOCL2 primary batteries.
The MAX77646 (RSEL variant) SIMO and LDO output voltages
are individually programmable through resistors. A
peak current limit input is used to set both the inductor's
peak current limits of the device with a single resistor. Individual
enable pins combined with the flexible resistor programmability
allows the device to be tailored for many applications.
The MAX77647 (I2C variant) SIMO and LDO output voltages
are individually programmable through I2C and in
addition, includes two GPIOs with alternate modes for
scalability. A bidirectional I2C serial interface allows for
configuring and checking the status of the devices. An internal
on/off controller provides a controlled startup sequence
for the regulators and provides supervisory functionality
while they are on. Numerous factory programmable
options allow the device to be tailored for many applications,
enabling faster time to market.

Benefits and Features
● 1.8V to 3.3V Input Range
● Highly Integrated
• 3x Output, Single Inductor Multiple Output (SIMO)
Buck-Boost Regulators
• Supports Wide Output Voltage Range from 0.5V
to 5.1V for all SIMO Channels
• 1x 150mA LDO
• 100mA in LSW Mode
• 2x GPIOs (MAX77647)
• Watchdog Timer (MAX77647)
● Ultra Low-Power SIMO
• 1.3μA Operating Current (3x SIMO Channels)
• 0.1μA Shutdown Current
• 85% Efficiency in Buck-Only Mode (VIN = 2.4V,
VOUT = 0.8V,10mA, IPK = 0.5A)
• 86% Efficiency in Buck-Boost Mode (VIN = 2.4V,
VOUT = 1.8V,10mA, IPK = 0.5A)
• Less Than 20mVpp Output Ripple at VOUT = 1.8V
• Automatic Low-Power Mode to Normal-Power
Mode Transition
● Flexible and Configurable
• Ultra-Configurable Resistor Programmable Output
Voltages (MAX77646)
• I2C-Programmable Output Voltages (MAX77647)
● Small Size
• 5mm2 Wafer-Level Package (WLP)
• 20-Bump, 0.5mm Pitch, 5 x 4 Array

Applications
● GNSS Module
● IoT Enabled Wireless Sensor Nodes
● Home Safety and Security Monitors
● Factory Safety and Security Monitors
● Fitness, Health, and Activity Trackers




Similar Part No. - MAX77647

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77640 MAXIM-MAX77640 Datasheet
4Mb / 22P
Evaluates Both Push-Button and Slider-Switch On-Key Options
Rev 0; 5/18
MAX77640EVKIT MAXIM-MAX77640EVKIT Datasheet
4Mb / 22P
Evaluates Both Push-Button and Slider-Switch On-Key Options
Rev 0; 5/18
MAX77641 MAXIM-MAX77641 Datasheet
4Mb / 22P
Evaluates Both Push-Button and Slider-Switch On-Key Options
Rev 0; 5/18
MAX77642 MAXIM-MAX77642 Datasheet
2Mb / 23P
On-Board Electronic Loads
319-100635; Rev 0; 11/20
MAX77642ANA+T MAXIM-MAX77642ANA+T Datasheet
2Mb / 91P
Ultra Configurable PMIC Featuring 93% Peak Efficiency Single-Inductor, 3-Output Buck-Boost, 1-LDO for Long Battery Life
2021
More results


Similar Description - MAX77647

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
KTPF0100UG FREESCALE-KTPF0100UG Datasheet
6Mb / 74P
Featuring the MMPF0100 14-Channel Configurable PMIC
logo
jb Capacitors Company
JRG JBCAPACITORS-JRG Datasheet
211Kb / 2P
Suitable for long life applications
logo
Exar Corporation
XR77103-A0R5 EXAR-XR77103-A0R5 Datasheet
1Mb / 19P
Universal PMIC 3-Output Buck Regulator
XR77103-A1R0 EXAR-XR77103-A1R0 Datasheet
1Mb / 19P
Universal PMIC 3-Output Buck Regulator
logo
Microchip Technology
MCP1811A MICROCHIP-MCP1811A Datasheet
1Mb / 18P
Ultra-Low Quiescent Current LDO Regulator for Long-Life Battery-Powered Applications
08/15/18
logo
Maxim Integrated Produc...
MAX20310 MAXIM-MAX20310 Datasheet
849Kb / 30P
Ultra-Low Quiescent Current PMIC with SIMO Buck-Boost for Wearable Applications
Rev 2; 3/18
MAX77650 MAXIM-MAX77650 Datasheet
2Mb / 82P
Ultra-Low Power PMIC with 3-Output SIMO and Power Path Charger for Small Li
Rev 7; 9/18
MAX17270 MAXIM-MAX17270 Datasheet
1Mb / 37P
nanoPower Triple-Output, Single-Inductor, Multiple-Output (SIMO) Buck-Boost Regulator
19-100234; Rev 5; 9/19
logo
Analog Devices
ADP5360 AD-ADP5360 Datasheet
1Mb / 60P
Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
11/2019-Revision 0
logo
Maxim Integrated Produc...
MAX77643EVKIT MAXIM-MAX77643EVKIT_V01 Datasheet
2Mb / 91P
Ultra Configurable PMIC Featuring 93% Peak Efficiency Single-Inductor, 3-Output Buck-Boost, 1-LDO for Long Battery Life
2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com