Electronic Components Datasheet Search
  English  ▼

X  

5400UE Datasheet (PDF) - Belden Inc.

5400UE Datasheet PDF - Belden Inc.
Part # 5400UE
Download  5400UE Download
File Size   145.26 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 2 Conductor 20 AWG, BC, CMR

5400UE Datasheet (PDF)

Go To PDF Page Download Datasheet
5400UE Datasheet PDF - Belden Inc.

Part # 5400UE
Download  5400UE Click to download

File Size   145.26 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 2 Conductor 20 AWG, BC, CMR

5400UE Datasheet (HTML) - Belden Inc.


5400UE Product details

Product Description
Security & Commercial Audio Cable, Riser-CMR, 2-20 AWG stranded bare copper conductors with polyolefin insulation, PVC jacket with ripcord




Similar Part No. - 5400UE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5400UH BELDEN-5400UH Datasheet
145Kb / 3P
Security & Sound, 2 Conductor 20 AWG, TC, CMR
11-09-2022
5400UH-0081000 BELDEN-5400UH-0081000 Datasheet
145Kb / 3P
Security & Sound, 2 Conductor 20 AWG, TC, CMR
11-09-2022
5400UH-008U1000 BELDEN-5400UH-008U1000 Datasheet
145Kb / 3P
Security & Sound, 2 Conductor 20 AWG, TC, CMR
11-09-2022
More results


Similar Description - 5400UE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5000UE BELDEN-5000UE Datasheet
266Kb / 2P
Security & Sound, 2 Conductor 12 AWG, BC, Unshielded, CMR
5300UE BELDEN-5300UE Datasheet
268Kb / 2P
Security & Sound, 2 Conductor 18 AWG, BC, Unshielded, CMR
5400FH BELDEN-5400FH Datasheet
143Kb / 2P
Security & Sound, 2 Conductor 20 AWG, TC, CMR
12-20-2022
5400UH BELDEN-5400UH Datasheet
145Kb / 3P
Security & Sound, 2 Conductor 20 AWG, TC, CMR
11-09-2022
5200UE BELDEN-5200UE Datasheet
149Kb / 2P
Security & Sound, 2 Conductor 16 AWG, BC, CMR
04-13-2023
5200FE BELDEN-5200FE Datasheet
150Kb / 2P
Security & Sound, 2 Conductor 16 AWG, BC, Shielded, CMR
04-13-2023
5300FE BELDEN-5300FE Datasheet
149Kb / 2P
Security & Sound, 2 Conductor 18 AWG, BC, Shielded, CMR
04-13-2023
5400FE BELDEN-5400FE Datasheet
173Kb / 2P
Security & Sound, 2 Conductor 20 AWG, BC, Shielded, CMR
03-29-2023
5401UE BELDEN-5401UE Datasheet
169Kb / 2P
Security & Sound, 3 Conductor 20 AWG, BC, Unshielded, CMR
12-20-2022
5500FE BELDEN-5500FE Datasheet
195Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMR
04-13-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com