Electronic Components Datasheet Search
  English  ▼

X  

1607252 Datasheet (PDF) - PHOENIX CONTACT

1607252 Datasheet PDF - PHOENIX CONTACT
Part # 1607252
Download  1607252 Download
File Size   402.8 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description RF-12P2N8A80DU - Cable connector

1607252 Datasheet (PDF)

Go To PDF Page Download Datasheet
1607252 Datasheet PDF - PHOENIX CONTACT

Part # 1607252
Download  1607252 Click to download

File Size   402.8 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description RF-12P2N8A80DU - Cable connector

1607252 Datasheet (HTML) - PHOENIX CONTACT


1607252 Product details

Cable connector, straight, Screw locking, M23, number of positions: 12, type of contact: Pin,
shielded: yes, degree of protection: IP67, cable diameter range: 5 mm ... 13.2 mm, number of
positions: 12, connection method: Crimp connection, series: RF, Alternative product in
accordance with RoHS II without Exemption 6c (Pb <0.1%) item no.: 1242251




Similar Part No. - 1607252

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1607250 PHOENIX-1607250 Datasheet
70Kb / 3P
Contact insert set - VC-TR2/3M-PEA-S888-SET
1607255 PHOENIX-1607255 Datasheet
471Kb / 13P
RF-12P2N8A90DU - Coupler connector
1607257 PHOENIX-1607257 Datasheet
555Kb / 14P
RF-12P2N8AAD00 - Device connector front mounting
1607258 PHOENIX-1607258 Datasheet
370Kb / 8P
RF-12P2N8AAF00 - Device connector front mounting
More results


Similar Description - 1607252

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
UMCP-8020005 HARWIN-UMCP-8020005 Datasheet
123Kb / 1P
RF CONNECTOR CABLE PLUG
logo
PHOENIX CONTACT
1607276 PHOENIX-1607276 Datasheet
426Kb / 11P
RF-12S1N8A80DU - Cable connector
1607297 PHOENIX-1607297 Datasheet
426Kb / 11P
RF-12S2N8A80DU - Cable connector
1607228 PHOENIX-1607228 Datasheet
402Kb / 10P
RF-12P1N8A80DU - Cable connector
1607225 PHOENIX-1607225 Datasheet
403Kb / 10P
RF-12P1N8A8002 - Cable connector
1607275 PHOENIX-1607275 Datasheet
428Kb / 11P
RF-12S1N8A8003 - Cable connector
1607331 PHOENIX-1607331 Datasheet
405Kb / 10P
RF-17P2N8A80DU - Cable connector
1607340 PHOENIX-1607340 Datasheet
434Kb / 12P
RF-17S1N8A80DU - Cable connector
1615068 PHOENIX-1615068 Datasheet
317Kb / 9P
RF-12S2N8A8VDU - Cable connector
1607323 PHOENIX-1607323 Datasheet
405Kb / 10P
RF-17P1N8A80DU - Cable connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com