Electronic Components Datasheet Search
  English  ▼

X  

1603501 Datasheet (PDF) - PHOENIX CONTACT

1603501 Datasheet PDF - PHOENIX CONTACT
Part # 1603501
Download  1603501 Download
File Size   235.98 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description RC-59S2000 - Crimp contact

1603501 Datasheet (PDF)

Go To PDF Page Download Datasheet
1603501 Datasheet PDF - PHOENIX CONTACT

Part # 1603501
Download  1603501 Click to download

File Size   235.98 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description RC-59S2000 - Crimp contact

1603501 Datasheet (HTML) - PHOENIX CONTACT


1603501 Product details

Crimp contact, Socket, turned, Single contact, contact diameter: 2 mm, crimp range: 0.75 mm2 ...
1 mm2, Alternative product in accordance with RoHS II without Exemption 6c (Pb <0.1%) item
no.: 1241633

Your advantages
• Crimping connection: vibration- and temperature-resistant assembly
• High tensile strength of the connection
• Low contact resistance
• Easy production monitoring




Similar Part No. - 1603501

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1603504 PHOENIX-1603504 Datasheet
38Kb / 1P
RC-5AP0000
1603505 PHOENIX-1603505 Datasheet
286Kb / 7P
RC-5AP2000 - Crimp contact
1603509 PHOENIX-1603509 Datasheet
58Kb / 2P
Crimp contact - RC-5AS2000
More results


Similar Description - 1603501

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1603513 PHOENIX-1603513 Datasheet
51Kb / 2P
Crimp contact - RC-5CP2000
1603492 PHOENIX-1603492 Datasheet
189Kb / 2P
Crimp contact - RC-58P2000
1627290 PHOENIX-1627290 Datasheet
179Kb / 3P
Crimp contact - RC-15S2200
1603517 PHOENIX-1603517 Datasheet
214Kb / 4P
Crimp contact - RC-5CS2000
1603808 PHOENIX-1603808 Datasheet
43Kb / 2P
Crimp contact - RC-6FP2000
1627291 PHOENIX-1627291 Datasheet
161Kb / 3P
Crimp contact - RC-15P2300
1627292 PHOENIX-1627292 Datasheet
162Kb / 3P
Crimp contact - RC-15P2200
1603498 PHOENIX-1603498 Datasheet
198Kb / 3P
Crimp contact - RC-59P2000
1623777 PHOENIX-1623777 Datasheet
181Kb / 4P
Crimp contact - RC-15P2020
1603505 PHOENIX-1603505 Datasheet
286Kb / 7P
RC-5AP2000 - Crimp contact
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com