Electronic Components Datasheet Search
  English  ▼

X  

HCC640B Datasheet (PDF) - OPTEK Technologies

HCC640B Datasheet PDF - OPTEK Technologies
Part # HCC640B
Download  HCC640B Download
File Size   142.98 Kbytes
Page   2 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Surface Mount Optically Coupled Isolator

HCC640B Datasheet (PDF)

Go To PDF Page Download Datasheet
HCC640B Datasheet PDF - OPTEK Technologies

Part # HCC640B
Download  HCC640B Click to download

File Size   142.98 Kbytes
Page   2 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Surface Mount Optically Coupled Isolator

HCC640B Datasheet (HTML) - OPTEK Technologies


HCC640B Product details

Description
The HCC 640 is a hermetically sealed, ceramic surface-mount optocoupler, consisting of a GaAlAs IRED coupled to an integrated high gain photodiode. The HCC640 is designed to be electrically equivalent to a single channel of the JEDEC 6N140 quad-channel device.

Features
• Surface mountable on ceramic or PC board
• 6N140A operating compatibility
• Key parameters guaranteed over -55°C to +125°C ambient temperature range
• Hermetically sealed
• Low power consumption
• High current transfer ratio
• Low input current requirement
• 1500 VDC isolation voltage




Similar Part No. - HCC640B

ManufacturerPart #DatasheetDescription
logo
HolyStone International
HCC HOLYSTONECAPS-HCC Datasheet
213Kb / 2P
High Capacitance MLCC - 1uF and above
logo
Stackpole Electronics, ...
HCC SEI-HCC Datasheet
292Kb / 4P
High Current Chassis Mount Shunt Resistor
10/22/2020
logo
ML Accessories Limited....
HCC KNIGHTSBRIDGE-HCC Datasheet
208Kb / 1P
Chrome Hole Converter Kit
25/04/2024
logo
Structured Cable Produc...
HCC-14 STRUCTURED-CABLE-HCC-14 Datasheet
436Kb / 1P
14" PANEL WITH COVER
04/16
HCC-18 STRUCTURED-CABLE-HCC-18 Datasheet
651Kb / 1P
18" STRUCTURED PANEL
04/16
More results


Similar Description - HCC640B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCD820 FAIRCHILD-FCD820 Datasheet
80Kb / 2P
OPTICALLY-COUPLED ISOLATOR
logo
OPTEK Technologies
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
Optically Coupled Isolator
logo
ISOCOM COMPONENTS
4N35 ISOCOM-4N35 Datasheet
78Kb / 3P
OPTICALLY COUPLED ISOLATOR
CNX72A ISOCOM-CNX72A_10 Datasheet
753Kb / 3P
OPTICALLY COUPLED ISOLATOR
CQY80X ISOCOM-CQY80X_10 Datasheet
771Kb / 3P
OPTICALLY COUPLED ISOLATOR
logo
OPTEK Technologies
HCC242TX OPTEK-HCC242TX Datasheet
230Kb / 2P
Surface Mount Optically Coupled Isolator
logo
TT Electronics.
4N22U TTELEC-4N22U Datasheet
318Kb / 5P
Surface Mount Optically Coupled Isolator
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
Optically Coupled Isolator / High Speed Optically Coupled Isolator
HCC240 TTELEC-HCC240 Datasheet
552Kb / 2P
Surface Mount Optically Coupled Isolator
OPI210 TTELEC-OPI210 Datasheet
676Kb / 3P
Surface Mount Optically Coupled Isolator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com