Electronic Components Datasheet Search
  English  ▼

X  

2X6 Datasheet (PDF) - Transko Electronics, Inc.

2X6 Datasheet PDF - Transko Electronics, Inc.
Part # 2X6
Download  2X6 Download
File Size   181.57 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description TUNING FORK CYLINDRICAL CRYSTAL (2.0 x 6.0mm)

2X6 Datasheet (PDF)

Go To PDF Page Download Datasheet
2X6 Datasheet PDF - Transko Electronics, Inc.

Part # 2X6
Download  2X6 Click to download

File Size   181.57 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description TUNING FORK CYLINDRICAL CRYSTAL (2.0 x 6.0mm)

2X6 Datasheet (HTML) - Transko Electronics, Inc.


2X6 Product details

FEATURES:
• MINIATURE TUNING FORK CRYSTAL
• EXCELLENT HEAT RESISTANCE




Similar Part No. - 2X6

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
2X6 BELDEN-2X6 Datasheet
156Kb / 2P
MachFlex™ 350YY, 2C 6 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
2X6010100M BELDEN-2X6010100M Datasheet
156Kb / 2P
MachFlex™ 350YY, 2C 6 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
2X6010200M BELDEN-2X6010200M Datasheet
156Kb / 2P
MachFlex™ 350YY, 2C 6 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
2X6010300M BELDEN-2X6010300M Datasheet
156Kb / 2P
MachFlex™ 350YY, 2C 6 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
logo
XFMRS Inc.
2X6COMBO XFMRS-2X6COMBO Datasheet
39Kb / 1P
MECHANICAL DIMENSIONS FOR 2x6 STACKED COMBO
More results


Similar Description - 2X6

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AB206J ABRACON-AB206J Datasheet
213Kb / 2P
32.768kHz SMD REFLOWABLE, CYLINDRICAL TYPE TUNING FORK CRYSTAL
07.09.07
logo
Fox Electronics
FX122 FOX-FX122 Datasheet
137Kb / 2P
SMD 2.0 x 1.2 Tuning Fork
FX122-327 FOX-FX122-327 Datasheet
137Kb / 2P
SMD 2.0 x 1.2 Tuning Fork
logo
MICORO CRYSTAL SWITZERL...
CC1V-T1A MICROCRYSTAL-CC1V-T1A_18 Datasheet
849Kb / 2P
Tuning Fork Crystal 30 kHz ??2.0 MHz
logo
Abracon Corporation
AB206F ABRACON-AB206F Datasheet
85Kb / 1P
SMD REFLOWABLE, CYLINDRICAL TYPE TUNING FORK CRYSTAL
logo
Suntsu Electronics, Inc...
STF622 SUNTSU-STF622 Datasheet
138Kb / 1P
Cylindrical Tuning Fork Crystal
logo
Transko Electronics, In...
1X5 TRANSKO-1X5 Datasheet
389Kb / 1P
TUNING FORK CYLINDRICAL CRYSTAL (1.5 x 5.1mm)
Rev.1: Jul. 2014
3X8 TRANSKO-3X8 Datasheet
255Kb / 1P
TUNING FORK CYLINDRICAL CRYSTAL (3.1 x 8.3mm)
Rev.2: May 2015
CS2012 TRANSKO-CS2012 Datasheet
253Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.6mm)
Rev. 4: 11-06-2020
CS2012J TRANSKO-CS2012J Datasheet
149Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.35mm)
Rev.0: Sep. 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com