Electronic Components Datasheet Search
  English  ▼

X  

2196802123 Datasheet (PDF) - Molex Electronics Ltd.

2196802123 Datasheet PDF - Molex Electronics Ltd.
Part # 2196802123
Download  2196802123 Download
File Size   111.75 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description SL F-F 300mm 24 awg lead RD Sn

2196802123 Datasheet (PDF)

Go To PDF Page Download Datasheet
2196802123 Datasheet PDF - Molex Electronics Ltd.

Part # 2196802123
Download  2196802123 Click to download

File Size   111.75 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description SL F-F 300mm 24 awg lead RD Sn

2196802123 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 2196802123

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2196802221 MOLEX-2196802221 Datasheet
112Kb / 1P
SL F-F 450mm 24 awg lead RD Au
2022/03/18
2196802222 MOLEX-2196802222 Datasheet
112Kb / 1P
SL F-F 450mm 24 awg lead RD Au
2022/03/18
2196802223 MOLEX-2196802223 Datasheet
112Kb / 1P
SL F-F 450mm 24 awg lead RD Au
2022/03/18
2196802224 MOLEX-2196802224 Datasheet
112Kb / 1P
SL F-F 450mm 24 awg lead RD Au
2022/03/18
2196802225 MOLEX-2196802225 Datasheet
112Kb / 1P
SL F-F 450mm 24 awg lead RD Au
2022/03/18
More results


Similar Description - 2196802123

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2147601124 MOLEX-2147601124 Datasheet
134Kb / 1P
MICROFIT 3.0 F-F 300MM 18AWG LEAD BK Sn
2020/05/14
2163002224 MOLEX-2163002224 Datasheet
89Kb / 1P
MX150 F-F 300MM 14 AWG LEADS RD Au
2021/01/06
2175112112 MOLEX-2175112112 Datasheet
79Kb / 1P
LINK250 F-S 150MM 24 AWG LEADS RD Sn
2021/05/24
2196802225 MOLEX-2196802225 Datasheet
112Kb / 1P
SL F-F 450mm 24 awg lead RD Au
2022/03/18
2196811124 MOLEX-2196811124 Datasheet
108Kb / 1P
SL F-S 300mm 24 awg lead BK Sn
2022/03/18
2174912112 MOLEX-2174912112 Datasheet
81Kb / 1P
I-GRID F-S 150MM 24 AWG LEAD RD Sn
2021/05/24
2177912124 MOLEX-2177912124 Datasheet
87Kb / 1P
SQUBA 1.8 F-S 300MM 22 AWG LEADS RD Sn
2021/01/06
2196701124 MOLEX-2196701124 Datasheet
105Kb / 1P
Minifit-Sigma F-F 300mm 16 AWG BK Sn
2022/01/19
2196812101 MOLEX-2196812101 Datasheet
109Kb / 1P
SL F-S 75mm 28 awg lead RD Sn
2022/03/18
2196812111 MOLEX-2196812111 Datasheet
109Kb / 1P
SL F-S 75mm 26 awg lead RD Sn
2022/03/18
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com