Electronic Components Datasheet Search
  English  ▼

X  

NXS0108PW Datasheet (PDF) - Nexperia B.V. All rights reserved

NXS0108PW Datasheet PDF - Nexperia B.V. All rights reserved
Part # NXS0108PW
Download  NXS0108PW Download
File Size   340.92 Kbytes
Page   25 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual supply translating transceiver; open drain; auto direction sensing

NXS0108PW Datasheet (PDF)

Go To PDF Page Download Datasheet
NXS0108PW Datasheet PDF - Nexperia B.V. All rights reserved

Part # NXS0108PW
Download  NXS0108PW Click to download

File Size   340.92 Kbytes
Page   25 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual supply translating transceiver; open drain; auto direction sensing

NXS0108PW Datasheet (HTML) - Nexperia B.V. All rights reserved


NXS0108PW Product details

1. General description
The NXS0108 is an 8-bit, dual supply translating transceiver with auto direction sensing, that
enables bidirectional voltage level translation. It features two 8-bit input-output ports (An and Bn),
one output enable input (OE) and two supply pins (VCC(A) and VCC(B)). VCC(A) can be supplied at
any voltage between 1.2 V and 3.6 V and VCC(B) can be supplied at any voltage between 1.65 V
and 5.5 V, making the device suitable for translating between any of the voltage nodes (1.2 V,
1.8 V, 2.5 V, 3.3 V and 5.0 V). Pins An and OE are referenced to VCC(A) and pins Bn are referenced
to VCC(B). A LOW level at pin OE causes the outputs to assume a high-impedance OFF-state.
This device is fully specified for partial power-down applications using IOFF. The IOFF circuitry
disables the output, preventing the damaging backflow current through the device when it is
powered down.
2. Features and benefits
• Wide supply voltage range:
• VCC(A): 1.2 V to 3.6 V and VCC(B): 1.65 V to 5.5 V
• Maximum data rates:
• Push-pull: 110 Mbps
• IOFF circuitry provides partial Power-down mode operation
• Inputs accept voltages up to 5.5 V
• ESD protection:
• HBM JESD22-A114E Class 2 exceeds 2.5 kV for A port
• HBM JESD22-A114E Class 3B exceeds 15 kV for B port
• CDM JESD22-C101E exceeds 1.5 kV
• IEC61000-4-2 contact discharge exceeds 8 kV for B port
• Latch-up performance exceeds 100 mA per JESD 78B Class II
• Specified from -40 °C to +85 °C and -40 °C to +125 °C
3. Applications
• Desktop PC
• Handset
• Smartphone
• Tablet




Similar Part No. - NXS0108PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NXS0108PW-Q100 NEXPERIA-NXS0108PW-Q100 Datasheet
340Kb / 25P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 1 - 15 September 2020
NXS0108PW-Q100J NEXPERIA-NXS0108PW-Q100J Datasheet
340Kb / 25P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 1 - 15 September 2020
More results


Similar Description - NXS0108PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTS0104-Q100 NXP-NTS0104-Q100 Datasheet
386Kb / 21P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 3-7 August 2012
NTSX2102 PHILIPS-NTSX2102_15 Datasheet
400Kb / 20P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 2-11 February 2013
NTS0102 PHILIPS-NTS0102_15 Datasheet
393Kb / 27P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 4-23 January 2013
NTS0103 PHILIPS-NTS0103_15 Datasheet
320Kb / 20P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 2-10 November 2011
NTS0103 NXP-NTS0103 Datasheet
320Kb / 20P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 2 ??10 November 2011
logo
Nexperia B.V. All right...
NXS0101-Q100 NEXPERIA-NXS0101-Q100 Datasheet
273Kb / 19P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 1 - 3 October 2022
NXS0101 NEXPERIA-NXS0101 Datasheet
293Kb / 21P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 4 - 9 February 2022
NXS0102 NEXPERIA-NXS0102 Datasheet
304Kb / 21P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 5 - 6 September 2021
logo
NXP Semiconductors
NTS0102 NXP-NTS0102_V02 Datasheet
753Kb / 43P
Dual supply translating transceiver; open-drain; auto direction sensing
Rev. 4.5 - 6 July 2023
logo
Nexperia B.V. All right...
NXS0104 NEXPERIA-NXS0104 Datasheet
334Kb / 23P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 4 - 30 June 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com