Electronic Components Datasheet Search
  English  ▼

X  

NXB0104PW Datasheet (PDF) - Nexperia B.V. All rights reserved

NXB0104PW Datasheet PDF - Nexperia B.V. All rights reserved
Part # NXB0104PW
Download  NXB0104PW Download
File Size   350.97 Kbytes
Page   23 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual supply translating transceiver; auto direction sensing; 3-state

NXB0104PW Datasheet (PDF)

Go To PDF Page Download Datasheet
NXB0104PW Datasheet PDF - Nexperia B.V. All rights reserved

Part # NXB0104PW
Download  NXB0104PW Click to download

File Size   350.97 Kbytes
Page   23 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual supply translating transceiver; auto direction sensing; 3-state

NXB0104PW Datasheet (HTML) - Nexperia B.V. All rights reserved


NXB0104PW Product details

1. General description
The NXB0104 is a 4-bit, dual supply translating transceiver with auto direction sensing, that
enables bidirectional voltage level translation. It features two 4-bit input-output ports (An and Bn),
one output enable input (OE) and two supply pins (VCC(A) and VCC(B)). VCC(A) can be supplied at
any voltage between 1.2 V and 3.6 V and VCC(B) can be supplied at any voltage between 1.65 V
and 5.5 V, making the device suitable for translating between any of the low voltage nodes (1.2 V,
1.5 V, 1.8 V, 2.5 V, 3.3 V and 5.0 V). Pins An and OE are referenced to VCC(A) and pins Bn are
referenced to VCC(B). A LOW level at pin OE causes the outputs to assume a high-impedance
OFF-state. This device is fully specified for partial power-down applications using IOFF. The IOFF
circuitry disables the output, preventing the damaging backflow current through the device when it
is powered down.
2. Features and benefits
• Wide supply voltage range:
• VCC(A): 1.2 V to 3.6 V and VCC(B): 1.65 V to 5.5 V
• IOFF circuitry provides partial Power-down mode operation
• Inputs accept voltages up to 5.5 V
• ESD protection:
• HBM: ANSI/ESDA/Jedec JS-001 Class 2 exceeds 2.5 kV for A port
• HBM: ANSI/ESDA/Jedec JS-001 Class 3B exceeds 15 kV for B port
• CDM: ANSI/ESDA/Jedec JS-002 Class C3 exceeds 1.5 kV
• Latch-up performance exceeds 100 mA per JESD 78B Class II
• Multiple package options
• Specified from −40 °C to +85 °C and −40 °C to +125 °C




Similar Part No. - NXB0104PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NXB0104PW-Q100 NEXPERIA-NXB0104PW-Q100 Datasheet
349Kb / 24P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 4 - 2 May 2022
More results


Similar Description - NXB0104PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTBA104 PHILIPS-NTBA104 Datasheet
515Kb / 24P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1-6 December 2011
NTB0101 PHILIPS-NTB0101_15 Datasheet
241Kb / 26P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 4-6 August 2012
NTBA104 PHILIPS-NTBA104_15 Datasheet
515Kb / 24P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2-22 May 2012
NTB0101-Q100 NXP-NTB0101-Q100 Datasheet
152Kb / 21P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1 ??3 July 2014
NTB0101 NXP-NTB0101 Datasheet
536Kb / 27P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 7 ??9 April 2018
NTB0104-Q100 NXP-NTB0104-Q100 Datasheet
250Kb / 23P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2 ??18 April 2013
logo
Nexperia B.V. All right...
NXB0101-Q100 NEXPERIA-NXB0101-Q100 Datasheet
294Kb / 18P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1 - 5 October 2022
NXB0102-Q100 NEXPERIA-NXB0102-Q100 Datasheet
308Kb / 21P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2 - 13 November 2020
NXB0101 NEXPERIA-NXB0101 Datasheet
316Kb / 22P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 4 - 9 February 2022
NXB0102 NEXPERIA-NXB0102 Datasheet
338Kb / 24P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 5 - 6 September 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com