Electronic Components Datasheet Search
  English  ▼

X  

NTS0102DP Datasheet (PDF) - NXP Semiconductors

NTS0102DP Datasheet PDF - NXP Semiconductors
Part # NTS0102DP
Download  NTS0102DP Download
File Size   753.95 Kbytes
Page   43 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual supply translating transceiver; open-drain; auto direction sensing

NTS0102DP Datasheet (PDF)

Go To PDF Page Download Datasheet
NTS0102DP Datasheet PDF - NXP Semiconductors

Part # NTS0102DP
Download  NTS0102DP Click to download

File Size   753.95 Kbytes
Page   43 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual supply translating transceiver; open-drain; auto direction sensing

NTS0102DP Datasheet (HTML) - NXP Semiconductors


NTS0102DP Product details

1 General description
The NTS0102 is a 2-bit, dual supply translating transceiver with auto direction sensing, that enables
bidirectional voltage level translation. It features two 2-bit input-output ports (An and Bn), one output enable input (OE) and two supply pins (VCC(A) and VCC(B)). VCC(A) can be supplied at any voltage between 1.65 V and 3.6 V and VCC(B) can be supplied at any voltage between 2.3 V and 5.5 V, making the device suitable for translating between any of the voltage nodes (1.8 V, 2.5 V, 3.3 V, and 5.0 V). Pins An and OE are referenced to VCC(A) and pins Bn are referenced to VCC(B). A LOW level at pin OE causes the outputs to assume a highimpedance OFF-state. This device is fully specified for partial power-down applications using IOFF. The IOFF circuitry disables the output, preventing the damaging backflow current through the device when it is powered down.

2 Features and benefits
• Wide supply voltage range:
– VCC(A): 1.65 V to 3.6 V and VCC(B): 2.3 V to 5.5 V
• Maximum data rates:
– Push-pull: 50 Mbit/s
• IOFF circuitry provides partial Power-down mode operation
• Inputs accept voltages up to 5.5 V
• ESD protection:
– HBM JESD22-A114E Class 2 exceeds 2500 V for A port
– HBM JESD22-A114E Class 3B exceeds 8000 V for B port
– CDM JESD22-C101E exceeds 1500 V
• Latch-up performance exceeds 100 mA per JESD 78B Class II
• Multiple package options
• Specified from –40 °C to +85 °C and -40 °C to +125 °C

3 Applications
• I2C/SMBus
• UART
• GPIO




Similar Part No. - NTS0102DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTS0102DP NXP-NTS0102DP Datasheet
216Kb / 25P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 2-11 April 2011
NTS0102DP PHILIPS-NTS0102DP Datasheet
421Kb / 27P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 3-17 November 2011
NTS0102DP NXP-NTS0102DP Datasheet
593Kb / 38P
Dual supply translating transceiver; open-drain; auto direction sensing
Rev. 4.3-20 April 2022
NTS0102DP-Q100 NXP-NTS0102DP-Q100 Datasheet
233Kb / 21P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 1-27 February 2013
NTS0102DP-Q100 NXP-NTS0102DP-Q100 Datasheet
542Kb / 34P
Dual supply translating transceiver; open-drain; auto direction sensing
Rev. 1.3-20 April 2022
More results


Similar Description - NTS0102DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTS0104-Q100 NXP-NTS0104-Q100 Datasheet
386Kb / 21P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 3-7 August 2012
NTSX2102 PHILIPS-NTSX2102_15 Datasheet
400Kb / 20P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 2-11 February 2013
NTS0102 PHILIPS-NTS0102_15 Datasheet
393Kb / 27P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 4-23 January 2013
NTS0103 PHILIPS-NTS0103_15 Datasheet
320Kb / 20P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 2-10 November 2011
NTS0103 NXP-NTS0103 Datasheet
320Kb / 20P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 2 ??10 November 2011
logo
Nexperia B.V. All right...
NXS0101-Q100 NEXPERIA-NXS0101-Q100 Datasheet
273Kb / 19P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 1 - 3 October 2022
NXS0101 NEXPERIA-NXS0101 Datasheet
293Kb / 21P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 4 - 9 February 2022
NXS0102 NEXPERIA-NXS0102 Datasheet
304Kb / 21P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 5 - 6 September 2021
NXS0104 NEXPERIA-NXS0104 Datasheet
334Kb / 23P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 4 - 30 June 2021
NXS0108 NEXPERIA-NXS0108 Datasheet
340Kb / 25P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 1 - 15 September 2020
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com