| Manufacturer | Part # | Datasheet | Description |
 Bud Industries, Inc. |
AB-8089
|
27Kb / 1P |
ADJUSTING BRACKET SET
|
 PHOENIX CONTACT |
3006195
|
68Kb / 4P |
Ground modular terminal block - UIK 35-PE/N
|
|
3009163
|
79Kb / 5P |
Installation ground terminal block - UKH 50-PE/N
|
|
3024753
|
66Kb / 3P |
Installation ground terminal block - UK 6 N-PE/N
|
|
3046760
|
83Kb / 8P |
Feed-through terminal block - UTTB 4-PE/N
|
|
3212147
|
163Kb / 17P |
Ground modular terminal block - PT 16 N-PE
|
 Schneider Electric |
XUSZBSC4
|
96Kb / 3P |
Curved bracket - 4 fixing brackets set
Jan 19, 2021 |
|
XUSZBSC6
|
96Kb / 3P |
Curved bracket - 6 fixing brackets set
Jan 19, 2021 |
|
XUSZBSS4
|
101Kb / 3P |
Swivel bracket with end caps - 4 fixing brackets set
Jan 19, 2021 |
 FIBOX Enclosing innovat... |
4712199
|
38Kb / 1P |
PE/N terminal bus-bar 25 10 mm²
31.07.2023 |