Electronic Components Datasheet Search
  English  ▼

X  

74HCT253D Datasheet (PDF) - Nexperia B.V. All rights reserved

74HCT253D Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HCT253D
Download  74HCT253D Download
File Size   277.0 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual 4-input multiplexer; 3-state

74HCT253D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT253D Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HCT253D
Download  74HCT253D Click to download

File Size   277.0 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual 4-input multiplexer; 3-state

74HCT253D Datasheet (HTML) - Nexperia B.V. All rights reserved


74HCT253D Product details

1. General description
The 74HC253; 74HCT253 is a dual 4-bit multiplexer, each with four binary inputs (nI0 to nI3), an
output enable input (nOE) and shared select inputs (S0 and S1). One of the four binary inputs is
selected by the select inputs and routed to the output nY. A HIGH on nOE causes the outputs to
assume a high-impedance OFF-state. Inputs include clamp diodes. This enables the use of current
limiting resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Non-inverting data path
• 3-state outputs interface directly with system bus
• Common select inputs
• Separate output enable inputs
• Wide supply voltage range from 2.0 V to 6.0 V
• Input levels:
• For 74HC253: CMOS level
• For 74HCT253: TTL level
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2 kV
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
3. Applications
• Data selectors
• Data multiplexers




Similar Part No. - 74HCT253D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT253D PHILIPS-74HCT253D Datasheet
50Kb / 7P
Dual 4-input multiplexer; 3-state
December 1990
74HCT253D NXP-74HCT253D Datasheet
164Kb / 17P
Dual 4-input multiplexer; 3-state
Rev. 03-22 April 2010
logo
Nexperia B.V. All right...
74HCT253D-Q100 NEXPERIA-74HCT253D-Q100 Datasheet
749Kb / 15P
Dual 4-input multiplexer; 3-state
74HCT253D-Q100 NEXPERIA-74HCT253D-Q100 Datasheet
257Kb / 15P
Dual 4-input multiplexer; 3-state
Rev. 4 - 27 September 2022
logo
NXP Semiconductors
74HCT253DB PHILIPS-74HCT253DB Datasheet
50Kb / 7P
Dual 4-input multiplexer; 3-state
December 1990
More results


Similar Description - 74HCT253D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS253 PHILIPS-74ALS253 Datasheet
115Kb / 9P
Dual 4-input multiplexer 3-State
1991 Feb 08
74F253 PHILIPS-74F253 Datasheet
80Kb / 10P
Dual 4-bit input multiplexer 3-State
1988 Nov 29
74F353 PHILIPS-74F353 Datasheet
110Kb / 10P
Dual 4-input multiplexer 3-State
1996 Jan 05
74HC253 PHILIPS-74HC253 Datasheet
50Kb / 7P
Dual 4-input multiplexer; 3-state
December 1990
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253 Datasheet
88Kb / 8P
Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
MC74AC353 MOTOROLA-MC74AC353 Datasheet
195Kb / 8P
DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74HC253 NXP-74HC253 Datasheet
164Kb / 17P
Dual 4-input multiplexer; 3-state
Rev. 03-22 April 2010
74HC_HCT253 PHILIPS-74HC_HCT253_15 Datasheet
182Kb / 17P
Dual 4-input multiplexer; 3-state
Rev. 5-21 January 2015
logo
Nexperia B.V. All right...
74HC253-Q100 NEXPERIA-74HC253-Q100 Datasheet
749Kb / 15P
Dual 4-input multiplexer; 3-state
74HC-HCT253-Q100 NEXPERIA-74HC-HCT253-Q100 Datasheet
257Kb / 15P
Dual 4-input multiplexer; 3-state
Rev. 4 - 27 September 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com