Electronic Components Datasheet Search
  English  ▼

X  

CGH40025 Datasheet (PDF) - WOLFSPEED, INC.

CGH40025 Datasheet PDF - WOLFSPEED, INC.
Part # CGH40025
Download  CGH40025 Download
File Size   2721.63 Kbytes
Page   14 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 25 W, RF Power GaN HEMT

CGH40025 Datasheet (PDF)

Go To PDF Page Download Datasheet
CGH40025 Datasheet PDF - WOLFSPEED, INC.

Part # CGH40025
Download  CGH40025 Click to download

File Size   2721.63 Kbytes
Page   14 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 25 W, RF Power GaN HEMT

CGH40025 Datasheet (HTML) - WOLFSPEED, INC.


CGH40025 Product details

Description
Wolfspeed's CGH40025 is an unmatched, gallium nitride (GaN)
high electron mobility transistor (HEMT). The CGH40025,
operating from a 28 volt rail, offers a general purpose,
broadband solution to a variety of RF and microwave
applications. GaN HEMTs offer high efficiency, high gain and
wide bandwidth capabilities making the CGH40025 ideal for
linear and compressed amplifier circuits. The transistor is
available in a screw-down, flange package and solder-down,
pill package.
Features
• Up to 6 GHz Operation
• 15 dB Small Signal Gain at 2.0 GHz
• 13 dB Small Signal Gain at 4.0 GHz
• 30 W typical PSAT
• 62% Efficiency at PSAT
• 28 V Operation
Large Signal Models Available for ADS and MWO
Applications
• 2-Way Private Radio
• Broadband Amplifiers
• Cellular Infrastructure
• Test Instrumentation
• Class A, AB, Amplifiers suitable for OFDM,
W-CDMA, EDGE, CDMA waveforms




Similar Part No. - CGH40025

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH40025 CREE-CGH40025 Datasheet
1Mb / 14P
25 W, RF Power GaN HEMT
Rev 4.0
CGH40025F CREE-CGH40025F Datasheet
1Mb / 12P
25 W, RF Power GaN HEMT
Rev 1.0
CGH40025F-AMP CREE-CGH40025F-AMP Datasheet
1Mb / 14P
25 W, RF Power GaN HEMT
Rev 4.0
CGH40025F-TB CREE-CGH40025F-TB Datasheet
1Mb / 14P
25 W, RF Power GaN HEMT
Rev 4.0
CGH40025P CREE-CGH40025P Datasheet
1Mb / 14P
25 W, RF Power GaN HEMT
Rev 4.0
More results


Similar Description - CGH40025

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH40010 CREE-CGH40010 Datasheet
948Kb / 12P
10 W, RF Power GaN HEMT
Rev 1.4
CGH40025F CREE-CGH40025F Datasheet
1Mb / 12P
25 W, RF Power GaN HEMT
Rev 1.0
CGH40045 CREE-CGH40045 Datasheet
1Mb / 12P
45 W, RF Power GaN HEMT
Rev 1.1
CGH40025 CREE-CGH40025 Datasheet
1Mb / 14P
25 W, RF Power GaN HEMT
Rev 4.0
CGH40090PP CREE-CGH40090PP Datasheet
1Mb / 13P
90 W, RF Power GaN HEMT
Rev 5.0
CGH40120F CREE-CGH40120F Datasheet
1Mb / 13P
120 W, RF Power GaN HEMT
Rev 3.0
CG2H40025 CREE-CG2H40025 Datasheet
1Mb / 14P
25 W, 28 V RF Power GaN HEMT
logo
WOLFSPEED, INC.
CG2H40025 WOLFSPEED-CG2H40025 Datasheet
3Mb / 14P
25 W, 28 V RF Power GaN HEMT
Rev. 1.5, 2022-10-14
CGH40090PP WOLFSPEED-CGH40090PP Datasheet
1Mb / 13P
90 W, RF Power GaN HEMT
Rev 5.2 March 2020
CGH40120F WOLFSPEED-CGH40120F Datasheet
1Mb / 13P
120 W, RF Power GaN HEMT
Rev 4.1 - March 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com