Electronic Components Datasheet Search
  English  ▼

X  

SBS805 Datasheet (PDF) - Sanyo Semicon Device

SBS805 Datasheet PDF - Sanyo Semicon Device
Part # SBS805
Download  SBS805 Download
File Size   31.26 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 30V, 1A Rectifier

SBS805 Datasheet (PDF)

Go To PDF Page Download Datasheet
SBS805 Datasheet PDF - Sanyo Semicon Device

Part # SBS805
Download  SBS805 Click to download

File Size   31.26 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 30V, 1A Rectifier

SBS805 Datasheet (HTML) - Sanyo Semicon Device


SBS805 Product details

30V, 1A Rectifier

Features
• Low forward voltage (IF=0.5A, VF max=0.40V) (IF=1.0A, VF max=0.47V).
• Short reverse recovery time(trr max.=15ns).
• Composite type with 2 low VF SBDs in one package, facilitating high-density mounting.
• The SBS805 is composed of 2 chips that are equivalent to the SBS005.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SBS805

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBS804 SANYO-SBS804 Datasheet
25Kb / 3P
15V, 1A Rectifier
SBS806M SANYO-SBS806M Datasheet
45Kb / 3P
30V, 0.5A Rectifier
SBS808M SANYO-SBS808M Datasheet
32Kb / 3P
Schottky Barrier Diode 15V, 1A Rectifier
More results


Similar Description - SBS805

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBS005 SANYO-SBS005 Datasheet
36Kb / 3P
30V, 1A Rectifier
logo
Rohm
2SD2656 ROHM-2SD2656 Datasheet
75Kb / 3P
General purpose amplification (30V, 1A)
US6T9 ROHM-US6T9 Datasheet
106Kb / 3P
General purpose amplification (-30V, -1A)
logo
Sanyo Semicon Device
SB1003EJ SANYO-SB1003EJ Datasheet
40Kb / 3P
SCHOTTKY BARRIER DIODE 30V, 1A RECTIFIER
SB1003M SANYO-SB1003M Datasheet
32Kb / 3P
Schottky Barrier Diode 30V, 1A Rectifier
SS1003EJ SANYO-SS1003EJ Datasheet
36Kb / 3P
Schottky Barrier Diode 30V, 1A Rectifier
SS1003M SANYO-SS1003M Datasheet
32Kb / 3P
Schottky Barrier Diode 30V, 1A Rectifier
logo
KODENSHI_AUK CORP.
SDB130 KODENSHI-SDB130 Datasheet
235Kb / 5P
30V, 1A SCHOTTKY BARRIER RECTIFIER
SDB130B KODENSHI-SDB130B Datasheet
240Kb / 5P
30V, 1A SCHOTTKY BARRIER RECTIFIER
SDB130B-1 KODENSHI-SDB130B-1 Datasheet
233Kb / 5P
30V, 1A SCHOTTKY BARRIER RECTIFIER
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com