Electronic Components Datasheet Search
  English  ▼

X  

FKCE6032 Datasheet (PDF) - FETek Technology Corp.

FKCE6032 Datasheet PDF - FETek Technology Corp.
Part # FKCE6032
Download  FKCE6032 Download
File Size   804.04 Kbytes
Page   5 Pages
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.
Description N-Ch 60V Fast Switching MOSFETs

FKCE6032 Datasheet (PDF)

Go To PDF Page Download Datasheet
FKCE6032 Datasheet PDF - FETek Technology Corp.

Part # FKCE6032
Download  FKCE6032 Click to download

File Size   804.04 Kbytes
Page   5 Pages
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.
Description N-Ch 60V Fast Switching MOSFETs

FKCE6032 Datasheet (HTML) - FETek Technology Corp.


FKCE6032 Product details

Description
The FKCE6032 is the high cell density trenched
N-ch MOSFETs, which provide excellent RDSON
and gate charge for most of the synchronous buck
converter applications.
The FKCE6032 meet the RoHS and Green
Product requirement, 100% EAS guaranteed with
full function reliability approved.




Similar Part No. - FKCE6032

ManufacturerPart #DatasheetDescription
logo
FETek Technology Corp.
FKCE2530 FETEK-FKCE2530 Datasheet
806Kb / 5P
N-Ch 20V Fast Switching MOSFETs
Ver : A
FKCE2631 FETEK-FKCE2631 Datasheet
839Kb / 5P
P-Ch 20V Fast Switching MOSFETs
Ver : A
FKCE3030 FETEK-FKCE3030 Datasheet
488Kb / 4P
N-Ch 30V Fast Switching MOSFETs
Ver : A
FKCE3031 FETEK-FKCE3031 Datasheet
554Kb / 5P
P-Ch 30V Fast Switching MOSFETs
Ver : B
FKCE8016 FETEK-FKCE8016 Datasheet
737Kb / 4P
N-ch 75V Fast Switching MOSFETs
Ver : A
More results


Similar Description - FKCE6032

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UD6006 XINDEYI-UD6006 Datasheet
677Kb / 4P
N-Ch 60V Fast Switching MOSFETs
UM6004 XINDEYI-UM6004 Datasheet
860Kb / 4P
N-Ch 60V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UM6016 UNITPOWER-UM6016 Datasheet
748Kb / 4P
N-Ch 60V Fast Switching MOSFETs
UD6006 UNITPOWER-UD6006 Datasheet
677Kb / 4P
N-Ch 60V Fast Switching MOSFETs
UI6008 UNITPOWER-UI6008 Datasheet
731Kb / 4P
N-Ch 60V Fast Switching MOSFETs
logo
uPI Group Inc.
QM6006D UPI-QM6006D Datasheet
237Kb / 4P
N-Ch 60V Fast Switching MOSFETs
QM6008G UPI-QM6008G Datasheet
229Kb / 4P
N-Ch 60V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKBA6048 FETEK-FKBA6048 Datasheet
469Kb / 4P
N-Ch 60V Fast Switching MOSFETs
Ver : B
FKBA6054 FETEK-FKBA6054 Datasheet
492Kb / 4P
N-Ch 60V Fast Switching MOSFETs
Ver : A
FKBB6058 FETEK-FKBB6058 Datasheet
516Kb / 4P
N-Ch 60V Fast Switching MOSFETs
Ver : A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com