Electronic Components Datasheet Search
  English  ▼

X  

ADUM3402 Datasheet (PDF) - Analog Devices

ADUM3402 Datasheet PDF - Analog Devices
Part # ADUM3402
Download  ADUM3402 Download
File Size   519.88 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability

ADUM3402 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM3402 Datasheet PDF - Analog Devices

Part # ADUM3402
Download  ADUM3402 Click to download

File Size   519.88 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability

ADUM3402 Datasheet (HTML) - Analog Devices


ADUM3402 Product details

GENERAL DESCRIPTION
The ADuM3400/ADuM3401/ADuM34021 are 4-channel digital isolators based on the Analog Devices, Inc., iCoupler® technology. Combining high speed CMOS and monolithic air core transformer technology, these isolation components provide outstanding performance characteristics superior to alternatives such as optocoupler devices.

FEATURES
   Enhanced system-level ESD performance per IEC 61000-4-x
   Low power operation
      5 V operation
         1.4 mA per channel maximum at 0 Mbps to 2 Mbps
         4.3 mA per channel maximum at 10 Mbps
         34 mA per channel maximum at 90 Mbps
      3.3 V operation
         0.9 mA per channel maximum at 0 Mbps to 2 Mbps
         2.4 mA per channel maximum at 10 Mbps
         20 mA per channel maximum at 90 Mbps
   Bidirectional communication
   3.3 V/5 V level translation
   High temperature operation: 105°C
   High data rate: dc to 90 Mbps (NRZ)
   Precise timing characteristics
      2 ns maximum pulse width distortion
      2 ns maximum channel-to-channel matching
   High common-mode transient immunity: >25 kV/μs
   Output enable function
   16-lead SOIC wide body, RoHS-compliant package
   Safety and regulatory approvals
      UL recognition: 2500 V rms for 1 minute per UL 1577
      CSA Component Acceptance Notice 5A
      VDE Certificate of Conformity
         DIN V VDE V 0884-10 (VDE V 0884-10): 2006-12
         VIORM = 560 V peak

APPLICATIONS
   General-purpose multichannel isolation
   SPI/data converter isolation
   RS-232/RS-422/RS-485 transceivers
   Industrial field bus isolation




Similar Part No. - ADUM3402

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3402 AD-ADUM3402 Datasheet
423Kb / 24P
Quad-Channel, Digital Isolators, hanced System-Level ESD Reliability
REV. B
ADuM3402ARWZ AD-ADuM3402ARWZ Datasheet
423Kb / 24P
Quad-Channel, Digital Isolators, hanced System-Level ESD Reliability
REV. B
ADuM3402BRWZ AD-ADuM3402BRWZ Datasheet
423Kb / 24P
Quad-Channel, Digital Isolators, hanced System-Level ESD Reliability
REV. B
ADUM3402CRWZ AD-ADUM3402CRWZ Datasheet
253Kb / 8P
ESD/Latch-Up Considerations with iCoupler짰 Isolation Products
REV. 0
ADuM3402CRWZ AD-ADuM3402CRWZ Datasheet
423Kb / 24P
Quad-Channel, Digital Isolators, hanced System-Level ESD Reliability
REV. B
More results


Similar Description - ADUM3402

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3200 AD-ADUM3200 Datasheet
525Kb / 20P
Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
7/06-Revision 0
ADUM3300 AD-ADUM3300 Datasheet
469Kb / 20P
Triple-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
3/06-Revision 0
ADUM3210 AD-ADUM3210_09 Datasheet
523Kb / 20P
Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
REV. C
ADUM3210 AD-ADUM3210_11 Datasheet
390Kb / 20P
Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
Rev. E
ADUM3200CRZ AD-ADUM3200CRZ Datasheet
467Kb / 20P
Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. C
ADUM3200 AD-ADUM3200_15 Datasheet
449Kb / 20P
Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. D
ADUM3201 AD-ADUM3201_15 Datasheet
449Kb / 20P
Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. D
ADUM3400 AD-ADUM3400_15 Datasheet
436Kb / 24P
Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3401 AD-ADUM3401_15 Datasheet
436Kb / 24P
Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3402 AD-ADUM3402_15 Datasheet
436Kb / 24P
Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com