Electronic Components Datasheet Search
  English  ▼

X  

FKBA6566A Datasheet (PDF) - FETek Technology Corp.

FKBA6566A Datasheet PDF - FETek Technology Corp.
Part # FKBA6566A
Download  FKBA6566A Download
File Size   522.13 Kbytes
Page   4 Pages
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.
Description N-Ch 68V Fast Switching MOSFETs

FKBA6566A Datasheet (PDF)

Go To PDF Page Download Datasheet
FKBA6566A Datasheet PDF - FETek Technology Corp.

Part # FKBA6566A
Download  FKBA6566A Click to download

File Size   522.13 Kbytes
Page   4 Pages
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.
Description N-Ch 68V Fast Switching MOSFETs

FKBA6566A Datasheet (HTML) - FETek Technology Corp.


FKBA6566A Product details

Features
Advanced Trench MOS Technology
Low RDS(ON)
100% EAS Guaranteed
Green Device Available

Applications
Motor Control
DC/DC Converters
Synchronous Rectifier Applications.




Similar Part No. - FKBA6566A

ManufacturerPart #DatasheetDescription
logo
FETek Technology Corp.
FKBA6006 FETEK-FKBA6006 Datasheet
487Kb / 4P
N-Ch 60V Fast Switching MOSFETs
Ver : A
FKBA6016 FETEK-FKBA6016 Datasheet
384Kb / 4P
N-Ch 60V Fast Switching MOSFETs
Ver : A
FKBA6024A FETEK-FKBA6024A Datasheet
663Kb / 4P
N-Ch 60V Fast Switching MOSFETs
Ver : A
FKBA6032 FETEK-FKBA6032 Datasheet
728Kb / 4P
N-Ch 60V Fast Switching MOSFETs
Ver : A
FKBA6040 FETEK-FKBA6040 Datasheet
698Kb / 4P
N-Ch 60V Fast Switching MOSFETs
Ver : A
More results


Similar Description - FKBA6566A

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UD3006 XINDEYI-UD3006 Datasheet
686Kb / 4P
N-Ch 30V Fast Switching MOSFETs
UD3010 XINDEYI-UD3010 Datasheet
716Kb / 4P
N-Ch 30V Fast Switching MOSFETs
UD6006 XINDEYI-UD6006 Datasheet
677Kb / 4P
N-Ch 60V Fast Switching MOSFETs
UM6004 XINDEYI-UM6004 Datasheet
860Kb / 4P
N-Ch 60V Fast Switching MOSFETs
UM9926 XINDEYI-UM9926 Datasheet
966Kb / 4P
N-Ch 20V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UM6016 UNITPOWER-UM6016 Datasheet
748Kb / 4P
N-Ch 60V Fast Switching MOSFETs
logo
KODENSHI_AUK CORP.
SNN3530NL KODENSHI-SNN3530NL Datasheet
511Kb / 8P
N-ch 30V Fast Switching MOSFETs
logo
uPI Group Inc.
QM3010D UPI-QM3010D Datasheet
236Kb / 4P
N-Ch 30V Fast Switching MOSFETs
QM3004M3 UPI-QM3004M3 Datasheet
219Kb / 4P
N-Ch 30V Fast Switching MOSFETs
QM3006D UPI-QM3006D Datasheet
230Kb / 4P
N-Ch 30V Fast Switching MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com