Electronic Components Datasheet Search
  English  ▼

X  

WLC1515 Datasheet (PDF) - Infineon Technologies AG

WLC1515 Datasheet PDF - Infineon Technologies AG
Part # WLC1515
Download  WLC1515 Download
File Size   628.66 Kbytes
Page   44 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Wireless charging IC (WLC) 15-W transmitter for automotive applications

WLC1515 Datasheet (PDF)

Go To PDF Page Download Datasheet
WLC1515 Datasheet PDF - Infineon Technologies AG

Part # WLC1515
Download  WLC1515 Click to download

File Size   628.66 Kbytes
Page   44 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Wireless charging IC (WLC) 15-W transmitter for automotive applications

WLC1515 Datasheet (HTML) - Infineon Technologies AG


WLC1515 Product details

Features
• Qi v1.3.x extended power profile (EPP) and basic power profile (BPP) transmitter (MP-A13 and similar)
• Free positioning
- Multiple coils (single coil, double coils, and three coils)
• AEC-Q100 qualified
• Integrated buckboost controller for VBRIDGE (VBRG)
• Integrated gate drivers for buckboost converter and inverter
• Integrated Q factor detection
• Integrated FSK modulator
• Integrated ASK decoder
• Integrated FOD by power loss, Qfactor, and resonance frequency
• Wide input voltage range: 4.5V-24V
• Communication ports: I2C, UART, SPI, and LIN




Similar Part No. - WLC1515

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
WLC1115 INFINEON-WLC1115 Datasheet
500Kb / 40P
Wireless charging IC (WLC) - Transmitter 15W with integrated USB Type-C PD controller
Rev. B 2022-04-22
WLC1115-68LQXQ INFINEON-WLC1115-68LQXQ Datasheet
500Kb / 40P
Wireless charging IC (WLC) - Transmitter 15W with integrated USB Type-C PD controller
Rev. B 2022-04-22
WLC1115-68LQXQ/T INFINEON-WLC1115-68LQXQ/T Datasheet
500Kb / 40P
Wireless charging IC (WLC) - Transmitter 15W with integrated USB Type-C PD controller
Rev. B 2022-04-22
WLC1115-68LQXQT INFINEON-WLC1115-68LQXQT Datasheet
500Kb / 40P
Wireless charging IC (WLC) - Transmitter 15W with integrated USB Type-C PD controller
Rev. B 2022-04-22
WLC1150 INFINEON-WLC1150 Datasheet
568Kb / 46P
Wireless charging IC (WLC) - Transmitter 50W with integrated USB Type-C PD controller
Rev. A 2023-02-01
More results


Similar Description - WLC1515

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TSDMTX-5V2-EVM SEMTECH-TSDMTX-5V2-EVM Datasheet
5Mb / 24P
Wireless Charging Transmitter
TSWITX-G4-EVM SEMTECH-TSWITX-G4-EVM Datasheet
3Mb / 19P
Wireless Charging Transmitter for TS51223-based Receivers
logo
Renesas Technology Corp
RAA458100GNP RENESAS-RAA458100GNP Datasheet
366Kb / 24P
Wireless Charging System Transmitter IC for Low Power Applications
RAA457100GBM RENESAS-RAA457100GBM Datasheet
867Kb / 27P
Wireless Charging System Receiver IC for Low Power Applications
logo
Vishay Siliconix
IWTXA653FZEB120KF3 VISHAY-IWTXA653FZEB120KF3 Datasheet
93Kb / 2P
Wireless Charging Transmitter Coil / Shield
01-Oct-2019
IWTX55R0DZEB8R9KF1 VISHAY-IWTX55R0DZEB8R9KF1 Datasheet
79Kb / 2P
Wireless Charging Transmitter Coil / Shield
05-Jul-2019
logo
Infineon Technologies A...
WLC1115 INFINEON-WLC1115 Datasheet
500Kb / 40P
Wireless charging IC (WLC) - Transmitter 15W with integrated USB Type-C PD controller
Rev. B 2022-04-22
logo
Vishay Siliconix
IWTX55R0DZEB8R9KF1 VISHAY-IWTX55R0DZEB8R9KF1_V01 Datasheet
64Kb / 2P
Wireless Charging Transmitter Coil / Shield
05-Jul-2019
IWTX9955DEEB110KF3 VISHAY-IWTX9955DEEB110KF3_V01 Datasheet
87Kb / 2P
Wireless Charging Transmitter Coil / Shield
05-Jul-2019
logo
Infineon Technologies A...
WLC1150 INFINEON-WLC1150 Datasheet
568Kb / 46P
Wireless charging IC (WLC) - Transmitter 50W with integrated USB Type-C PD controller
Rev. A 2023-02-01
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com