Electronic Components Datasheet Search
  English  ▼

X  

IRHN3250 Datasheet (PDF) - International Rectifier

IRHN3250 Datasheet PDF - International Rectifier
Part # IRHN3250
Download  IRHN3250 Download
File Size   1690.1 Kbytes
Page   13 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Radiation Hardened Power MOSFET Surface Mount (SMD-1) 200V, 26A, N-channel, Rad Hard HEXFET™ Technology

IRHN3250 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRHN3250 Datasheet PDF - International Rectifier

Part # IRHN3250
Download  IRHN3250 Click to download

File Size   1690.1 Kbytes
Page   13 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Radiation Hardened Power MOSFET Surface Mount (SMD-1) 200V, 26A, N-channel, Rad Hard HEXFET™ Technology

IRHN3250 Datasheet (HTML) - International Rectifier


IRHN3250 Product details

Features
 Single event effect (SEE) hardened
 Low RDS(on)
 Low total gate charge
 Simple drive requirements
 Hermetically sealed
 Electrically isolated
 Ceramic eyelets
 Light weight
 Surface Mount
 ESD rating: Class 3A per MIL-STD-750, Method 1020

Potential Applications
 DC-DC converter
 Motor drives

Description
IR HiRel rad hard HEXFET technology provides high performance power MOSFETs for space applications. This
technology has over a decade of proven performance and reliability in satellite applications. These devices have
been characterized for both Total Dose and Single Event Effects (SEE). The combination of low RDS(on) and low
gate charge reduces the power losses in switching applications such as DC to DC converters and motor control.
These devices retain all of the well-established advantages of MOSFETs such as voltage control, fast switching
and temperature stability of electrical parameters.




Similar Part No. - IRHN3250

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHN3054 IRF-IRHN3054 Datasheet
125Kb / 8P
RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
IRHN3150 IRF-IRHN3150 Datasheet
284Kb / 12P
RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
More results


Similar Description - IRHN3250

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRK9260D INTERSIL-FRK9260D Datasheet
47Kb / 6P
26A, -200V, 0.200 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
logo
International Rectifier
IRHN7150 IRF-IRHN7150 Datasheet
284Kb / 12P
RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
IRHNJ7130 IRF-IRHNJ7130 Datasheet
109Kb / 8P
100V, N-CHANNEL RAD-Hard HEXFET MOSFET TECHNOLOGY
IRHN9250 IRF-IRHN9250 Datasheet
138Kb / 8P
RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
IRHN7054 IRF-IRHN7054 Datasheet
125Kb / 8P
RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
IRHN7250SE IRF-IRHN7250SE Datasheet
127Kb / 8P
RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
IRHN57250SE IRF-IRHN57250SE Datasheet
176Kb / 8P
RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
IRHY7G30CMSE IRF-IRHY7G30CMSE Datasheet
110Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA) 1000V, N-CHANNEL RAD Hard??HEXFET TECHNOLOGY
IRHNS67260 IRF-IRHNS67260 Datasheet
1Mb / 14P
Radiation Hardened Power MOSFET Surface Mount (SupIR-SMD™) 200V, 56A, N-channel, R6 Technology
2022-09-23
IRHNS9A97260 IRF-IRHNS9A97260 Datasheet
440Kb / 14P
Radiation Hardened Power MOSFET Surface-Mount (SupIR-SMD™) -200V, -62A, P-channel, R9 Superjunction Technology
2023-07-18
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com