Electronic Components Datasheet Search
  English  ▼

X  

9221A Datasheet (PDF) - KISTLER INSTRUMENT CORPORATION

9221A Datasheet PDF - KISTLER INSTRUMENT CORPORATION
Part # 9221A
Download  9221A Download
File Size   156.8 Kbytes
Page   5 Pages
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION
Description Quartz Measuring Tongue for mold cavity pressure

9221A Datasheet (PDF)

Go To PDF Page Download Datasheet
9221A Datasheet PDF - KISTLER INSTRUMENT CORPORATION

Part # 9221A
Download  9221A Click to download

File Size   156.8 Kbytes
Page   5 Pages
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION
Description Quartz Measuring Tongue for mold cavity pressure

9221A Datasheet (HTML) - KISTLER INSTRUMENT CORPORATION


9221A Product details

• Force range 0 ... 10 kN
• Easy repositioning in different molds
• Exchangeable coaxial cable
• Corrosion-resistant




Similar Part No. - 9221A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9221 ETC2-9221 Datasheet
97Kb / 2P
30 AWG stranded (7x38) .012 tinned copper conductor, foam HDPE insulation
logo
Belden Inc.
9221 BELDEN-9221 Datasheet
154Kb / 2P
Analog Video, #30 Str TC, 90% TC Braid, PVC Jacket
04-04-2023
logo
Mascot AS
9221 MASCOT-9221 Datasheet
1Mb / 1P
Mounting brackets
20062008
logo
Belden Inc.
9221-010100 BELDEN-9221-010100 Datasheet
154Kb / 2P
Analog Video, #30 Str TC, 90% TC Braid, PVC Jacket
04-04-2023
9221-010500 BELDEN-9221-010500 Datasheet
154Kb / 2P
Analog Video, #30 Str TC, 90% TC Braid, PVC Jacket
04-04-2023
More results


Similar Description - 9221A

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
PDK-P-M AXTAL-PDK-P-M Datasheet
170Kb / 1P
QUARTZ PRESSURE TRANSDUCER
RKMA-P-OS-21 AXTAL-RKMA-P-OS-21 Datasheet
149Kb / 2P
Quartz Pressure Sensor
logo
Testo SE & Co. KGaA
TESTO510 TESTO-TESTO510 Datasheet
596Kb / 2P
Differential pressure measuring instrument
TESTO-511 TESTO-TESTO-511 Datasheet
1Mb / 2P
Absolute pressure measuring instrument
TESTO511 TESTO-TESTO511 Datasheet
1Mb / 2P
Absolute pressure measuring instrument
logo
Epson ToYoCom
TSU-20G EPSONTOYOCOM-TSU-20G Datasheet
448Kb / 2P
SENSOR QUARTZ PRESSURE SENSOR
logo
KISTLER INSTRUMENT CORP...
9204B KISTLER-9204B Datasheet
529Kb / 5P
PinSens Force Sensor for mold cavity pressure with diameter 12,6 mm
9210A KISTLER-9210A Datasheet
773Kb / 5P
Miniature Force Sensor for mold cavity pressure with diameter ø3.5 mm
9213B KISTLER-9213B Datasheet
565Kb / 5P
Miniature Force Sensor for Mold Cavity Pressure with diameter 6 mm and M2,5 thread
9223A KISTLER-9223A Datasheet
119Kb / 3P
Miniature Quartz Measuring Tongue for mold cavity pressure
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com