Electronic Components Datasheet Search
  English  ▼

X  

K50UF Datasheet (PDF) - Voltage Multipliers Inc.

K50UF Datasheet PDF - Voltage Multipliers Inc.
Part # K50UF
Download  K50UF Download
File Size   40.62 Kbytes
Page   1 Pages
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.
Description Spice Model

K50UF Datasheet (PDF)

Go To PDF Page Download Datasheet
K50UF Datasheet PDF - Voltage Multipliers Inc.

Part # K50UF
Download  K50UF Click to download

File Size   40.62 Kbytes
Page   1 Pages
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.
Description Spice Model

K50UF Datasheet (HTML) - Voltage Multipliers Inc.


K50UF Product details

High Voltage Diodes - Epoxy Molded
   
1.5A - 3.0A • 100ns • Axial Leaded
   




Similar Part No. - K50UF

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
K50UF NJSEMI-K50UF Datasheet
494Kb / 1P
High Voltage Rectifiers 2,500V-10,000V
K50UF NJSEMI-K50UF Datasheet
494Kb / 1P
High Voltage Rectifiers 2,500V-10,000V
logo
Voltage Multipliers Inc...
K50UF VMI-K50UF Datasheet
102Kb / 2P
High Voltage Diodes - Epoxy Molded 1.5A - 3.0A ??100ns ??Axial Leaded
More results


Similar Description - K50UF

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
1N5554 VMI-1N5554 Datasheet
48Kb / 1P
Spice Model
1N5623 VMI-1N5623 Datasheet
44Kb / 1P
Spice Model
1N6521 VMI-1N6521 Datasheet
132Kb / 1P
Spice Model
1N6535 VMI-1N6535 Datasheet
45Kb / 1P
Spice Model
FP100F VMI-FP100F Datasheet
40Kb / 1P
Spice Model
M160FF3 VMI-M160FF3 Datasheet
125Kb / 1P
Spice Model
M160SG VMI-M160SG Datasheet
124Kb / 1P
Spice Model
M160UFG VMI-M160UFG Datasheet
125Kb / 1P
Spice Model
Z50FF5 VMI-Z50FF5 Datasheet
39Kb / 1P
Spice Model
Z100UF VMI-Z100UF Datasheet
28Kb / 1P
Spice Model
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com