Electronic Components Datasheet Search
  English  ▼

X  

TPS62902 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS62902 Datasheet PDF - Texas Instruments
Part # TPS62902
Download  TPS62902 Download
File Size   1662.29 Kbytes
Page   54 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS62901-Q1 3-V to 18-V, 1-A, Automotive, Low IQ Buck Converter with 165°C TJ

TPS62902 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS62902 Datasheet PDF - Texas Instruments

Part # TPS62902
Download  TPS62902 Click to download

File Size   1662.29 Kbytes
Page   54 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS62901-Q1 3-V to 18-V, 1-A, Automotive, Low IQ Buck Converter with 165°C TJ

TPS62902 Datasheet (HTML) - Texas Instruments


TPS62902 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
– Level 2 device HBM ESD classification
– Level C4B CDM ESD classification
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Extended TJ range: up to 165°C
• High efficiency DCS-Control topology
– RDS(ON): 62-mΩ high side, 22-mΩ low side
– Seamless PWM/PFM transition
– Internal compensation
• 4-μA low IQ (typical)
• Up to 1-A continuous output current
• ±1.5% output voltage accuracy across temp
• Configurable output voltage options:
– 0.6-V to 5.5-V VFB external divider
– VSET internal divider
• 16 options between 0.4 V and 5.5 V
• Flexibility through the MODE/S-CONF pin
– 2.5-MHz or 1.0-MHz switching frequency
– Forced PWM or Auto PFM (power save mode)
with dynamic mode change option
– Output discharge on and off
• No external bootstrap capacitor required
• Overcurrent and overtemperature protection
• 100% duty cycle mode
• Precise enable input
• Adjustable soft start and tracking
• Power-good output
• Optimized pinout for single-layer routing
• Wettable 2.2-mm × 2.0-mm VQFN package with
0.5-mm pitch
• Create a custom design with the TPS62901-Q1
using the WEBENCH® Power Designer

2 Applications
• ADAS
• Body electronics and lighting
• Infotainment and cluster
• Hybrid, electric, and powertrain systems

3 Description
The TPS62901-Q1 is a highly efficient, small, and
flexible synchronous step-down DC/DC converter that
is easy to use. A selectable switching frequency of 2.5
MHz or 1.0 MHz allows the use of small inductors
and provides fast transient response. The device
supports high VOUT accuracy of ± 1.5% across the
entire operating temperature range and enhanced
load transient performance with the DCS-Control
topology. The wide 3-V to 18-V input voltage range
supports a variety of nominal inputs, like 12-V supply
rails, single-cell or multi-cell Li-Ion, and 5-V or 3.3-V
rails.
The TPS62901-Q1 can automatically enter power
save mode (if auto PFM or PWM is selected) at
light loads to maintain high efficiency. Additionally,
to provide high efficiency at very small loads, the
device has a low typical quiescent current of 4 μA.
AEE, if enabled, provides high efficiency across VIN,
VOUT, and load current. The device includes a MODE/
Smart-CONF input to set the internal and external
divider, switching frequency, output voltage discharge,
and automatic power save mode or forced PWM
operation.




Similar Part No. - TPS62902

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62902 TI-TPS62902 Datasheet
6Mb / 50P
TPS62902, 3-V to 17-V, High Efficiency and Low IQ Buck Converter in 1.5-mm 횞 2-mm QFN Package
TPS62902 TI-TPS62902 Datasheet
1Mb / 37P
TPS62903-Q1 3-V to 18-V, 3-A, Automotive Low IQ Buck Converter with 165째C TJ
MAY 2022
TPS62902 TI-TPS62902 Datasheet
2Mb / 53P
TPS62992-Q1 3-V to 10-V, 2-A, Automotive Low IQ Buck Converter with 165°C TJ
OCTOBER 2022
TPS62902 TI-TPS62902 Datasheet
2Mb / 53P
TPS62993-Q1 3-V to 10-V, 3-A, Automotive Low IQ Buck Converter with 165°C TJ
OCTOBER 2022
TPS62902 TI-TPS62902 Datasheet
1Mb / 52P
TPS62903-Q1 3-V to 18-V, 3-A, Automotive Low IQ Buck Converter with 165°C TJ
REVISED MARCH 2023
More results


Similar Description - TPS62902

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS629211-Q1 TI-TPS629211-Q1 Datasheet
2Mb / 49P
TPS629211-Q1 1-A, 3-V to 10-V Automotive Low IQ Buck Converter
MARCH 2022
TPS629203-Q1 TI-TPS629203-Q1 Datasheet
3Mb / 51P
TPS629203-Q1 300-mA, 3-V to 17-V Automotive Low IQ Buck Converter
MARCH 2022
TPS629206-Q1 TI-TPS629206-Q1 Datasheet
3Mb / 51P
TPS629206-Q1 600-mA, 3-V to 17-V Automotive Low IQ Buck Converter
MARCH 2022
TPS62903-Q1 TI-TPS62903-Q1 Datasheet
1Mb / 37P
TPS62903-Q1 3-V to 18-V, 3-A, Automotive Low IQ Buck Converter with 165째C TJ
MAY 2022
TPS62992-Q1 TI-TPS62992-Q1 Datasheet
2Mb / 53P
TPS62992-Q1 3-V to 10-V, 2-A, Automotive Low IQ Buck Converter with 165°C TJ
OCTOBER 2022
TPS62993-Q1 TI-TPS62993-Q1 Datasheet
2Mb / 53P
TPS62993-Q1 3-V to 10-V, 3-A, Automotive Low IQ Buck Converter with 165°C TJ
OCTOBER 2022
TPS62903-Q1 TI-TPS62903-Q1_V01 Datasheet
1Mb / 52P
TPS62903-Q1 3-V to 18-V, 3-A, Automotive Low IQ Buck Converter with 165°C TJ
REVISED MARCH 2023
TPS629210-Q1 TI-TPS629210-Q1_V02 Datasheet
3Mb / 55P
TPS629210-Q1 1-A, 3-V to 17-V Automotive Low IQ Buck Converter
REVISED MARCH 2023
TPS629211-Q1 TI-TPS629211-Q1_V01 Datasheet
2Mb / 54P
TPS629211-Q1 1-A, 3-V to 10-V Automotive Low IQ Buck Converter
REVISED MARCH 2023
TPS62902-Q1 TI-TPS62902-Q1 Datasheet
1Mb / 54P
TPS62902-Q1 3-V to 18-V, 2-A, Automotive Low IQ Buck Converter with 165°C TJ
APRIL 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com