Electronic Components Datasheet Search
  English  ▼

X  

TIOS1025 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TIOS1025 Datasheet PDF - Texas Instruments
Part # TIOS1025
Download  TIOS1025 Download
File Size   2248.2 Kbytes
Page   36 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages

TIOS1025 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIOS1025 Datasheet PDF - Texas Instruments

Part # TIOS1025
Download  TIOS1025 Click to download

File Size   2248.2 Kbytes
Page   36 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages

TIOS1025 Datasheet (HTML) - Texas Instruments


TIOS1025 Product details

1 Features
• Wide supply operation
– 4.75-V to 36-V supply Voltage (TIOS102,
TIOS1023)
– 7-V to 36-V supply voltage (TIOS1025)
• PNP, NPN or push-pull configurable output
• Functional safety capable
– Documentation available to aid in functional
safety system design
• Pin-compatible with TIOS101(x) with improved
performance
– Low residual Voltage of 0.5 V (typical) at
200 mA
– Active driver current limiting capability
– Improved thermal performance of the package
– Slower driver slew rates to reduce overshoots
(max of 750 ns)
• Integrated protection features for robust systems
– Configurable driver overcurrent limit
(50 mA to 350 mA)
– Active reverse polarity protection of up to 65 V
on VCC, OUT and GND
– Fault indicator for overcurrent, overtemperature
and UVLO faults
– Safe and fast demagnetization of large
inductive loads
– Extended ambient temperature operation:
-40°C to 125°C
• Integrated EMC protection on VCC and OUT
– ±8 kV IEC 61000-4-2 ESD contact discharge
– ±4 kV IEC 61000-4-4 Electrical fast transient
– ±1.2 kV/500 Ω IEC 61000-4-5 Surge
• Large capacitive load driving capability
• < 1.5-mA (typical) quiescent supply current (when
driver is disabled)
• Integrated LDO options for up to 20 mA current
– TIOS1023: 3.3-V LDO
– TIOS1025: 5-V LDO
– TIOS1023L (DSBGA): Selectable 3.3-V/5-V
LDO output
• Small space-saving package options
– 3 mm x 3 mm 10-pin VSON package (pincompatible
with TIOS101)
– 2.45 mm x 1.7 mm DSBGA package

2 Applications
• Proximity Switches
• Capacitive and Inductive Sensors
• Actuators
• Digital Outputs

3 Description
The TIOS102(x) devices are configurable as highside,
low-side or push-pull drivers. These devices
are capable of withstanding up to 1.2 kV (500 Ω) of
IEC 61000-4-5 surge and feature integrated reverse
polarity protection.
A pin-programmable interface allows easy interfacing
to the circuits. The output current limit can be
configured using an external resistor. Fault reporting
and internal protection functions are provided
for undervoltage, overcurrent and overtemperature
conditions.




Similar Part No. - TIOS1025

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIOS1025 TI-TIOS1025 Datasheet
1Mb / 33P
TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages
FEBRUARY 2022
TIOS1025 TI-TIOS1025 Datasheet
1Mb / 34P
TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages
REVISED DECEMBER 2022
TIOS1025DRCR TI-TIOS1025DRCR Datasheet
1Mb / 34P
TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages
REVISED DECEMBER 2022
More results


Similar Description - TIOS1025

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDCS1000 HP-HDCS1000 Datasheet
25Kb / 2P
Integrated CMOS Image Sensor with Digital Output and Timing Controller
logo
IC-Haus GmbH
IC-DXC ICHAUS-IC-DXC Datasheet
423Kb / 2P
Digital Sensor Output Drivers
logo
Texas Instruments
TIOS101 TI1-TIOS101 Datasheet
859Kb / 26P
Digital Sensor Output Drivers with Integrated Surge Protection
TIOS101 TI1-TIOS101_19 Datasheet
1Mb / 31P
Digital Sensor Output Drivers with Integrated Surge Protection
TIOL112 TI-TIOL112 Datasheet
2Mb / 35P
TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
FEBRUARY 2022
TIOS102 TI-TIOS102 Datasheet
1Mb / 33P
TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages
FEBRUARY 2022
TIOL112 TI-TIOL112_V01 Datasheet
2Mb / 35P
TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
APRIL 2022
TIOS102 TI-TIOS102_V01 Datasheet
1Mb / 34P
TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages
REVISED DECEMBER 2022
TIOL112 TI-TIOL112_V02 Datasheet
2Mb / 35P
TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
REVISED DECEMBER 2022
TIOL112 TI-TIOL112_V03 Datasheet
2Mb / 38P
TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
REVISED MARCH 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com