Electronic Components Datasheet Search
  English  ▼

X  

BQ79616 Datasheet (PDF) - Texas Instruments

BQ79616 Datasheet PDF - Texas Instruments
Part # BQ79616
Download  BQ79616 Download
File Size   4591.72 Kbytes
Page   216 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description BQ79616 16-Series Battery Monitor, Balancer, and Integrated Hardware Protector

BQ79616 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ79616 Datasheet PDF - Texas Instruments

Part # BQ79616
Download  BQ79616 Click to download

File Size   4591.72 Kbytes
Page   216 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description BQ79616 16-Series Battery Monitor, Balancer, and Integrated Hardware Protector

BQ79616 Datasheet (HTML) - Texas Instruments


BQ79616 Product details

1 Features
• ±1.5-mV ADC accuracy
• Built-in redundancy path for voltage and
temperature diagnostics
• Highly accurate cell voltage measurements within
128 μs for all cell channels
• Integrated post-ADC configurable digital low-pass
filters
• Bus bar connection and measurement support
• Built-in host-controlled hardware reset to emulate
POR-like device reset
• Supports internal cell balancing
– Balancing current at 240 mA
– Built-in balancing thermal management with
automatic pause and resume control
• Isolated differential daisy chain communication
with optional ring architecture
• Embedded fault signal and heartbeat through
communication line
• UART/SPI host interface/communication bridge
device BQ79600
• Built-in SPI controller

2 Applications
• Battery Management System (BMS) in hybrid and
electric powertrain systems
• Energy storage battery packs with Battery
Management Systems

3 Description
The BQ79616 device provides high-accuracy cell
voltage measurements in less than 200 μs for
16-series battery modules in high-voltage battery
management systems in HEV/EV. The monitor offers
different channel options in the same package type,
providing pin-to-pin compatibility and supporting high
reuse of the established software and hardware
across any platform. The integrated front-end filters
enable the system to implement with simple, low
voltage rating, differential RC filters on the cell input
channels. The integrated, post-ADC, low-pass filters
enable filtered, DC-like, voltage measurements for
better state of charge (SOC) calculation. This device
supports autonomous internal cell balancing with
temperature monitoring to auto-pause and resume
balancing to avoid an overtemperature condition.




Similar Part No. - BQ79616

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ79616-Q1 TI1-BQ79616-Q1 Datasheet
94Kb / 5P
BQ7961x-Q1 Family of 12S, 14S, 16S Precision Automotive Battery Monitor, Balancer and Integrated Hardware Protector with up to SafeTITM-26262 ASIL-D Compliance
BQ79616-Q1 TI-BQ79616-Q1 Datasheet
1Mb / 13P
BQ79616-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector
BQ79616-Q1 TI-BQ79616-Q1 Datasheet
1Mb / 13P
BQ79616-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector
BQ79616-Q1 TI1-BQ79616-Q1 Datasheet
5Mb / 223P
BQ79616-Q1, BQ79616H-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector
REVISED NOVEMBER 2023
BQ79616-Q1 TI1-BQ79616-Q1_V01 Datasheet
5Mb / 223P
BQ79616-Q1, BQ79616H-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector
REVISED NOVEMBER 2023
More results


Similar Description - BQ79616

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8506 AMSCO-AS8506 Datasheet
921Kb / 89P
Battery Cell Monitor and Balancer IC
AS8506C AMSCO-AS8506C Datasheet
996Kb / 94P
Battery Cell Monitor and Balancer IC
logo
Texas Instruments
BQ76PL455A-Q1 TI1-BQ76PL455A-Q1 Datasheet
2Mb / 130P
16-Cell EV/HEV Integrated Battery Monitor and Protector
BQ79606-Q1 TI1-BQ79606-Q1 Datasheet
239Kb / 8P
SafeTI Precision Monitor With Integrated Hardware Protector for Automotive Battery Pack Applications
BQ79606A-Q1 TI1-BQ79606A-Q1 Datasheet
4Mb / 264P
SafeTI Precision Monitor With Integrated Hardware Protector for Automotive Battery Pack Applications
BQ79616-Q1 TI-BQ79616-Q1 Datasheet
1Mb / 13P
BQ79616-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector
BQ79656-Q1 TI-BQ79656-Q1 Datasheet
1Mb / 11P
BQ79656-Q1, BQ79654-Q1, BQ79652-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector with Integrated Current Sense
BQ79612-Q1 TI-BQ79612-Q1_V01 Datasheet
1Mb / 13P
BQ79616-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector
BQ79656-Q1 TI-BQ79656-Q1_V01 Datasheet
1Mb / 13P
BQ79656-Q1, BQ79654-Q1, BQ79652-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector with Integrated Current Sense
REVISED JUNE 2022
BQ79616-Q1 TI1-BQ79616-Q1_V01 Datasheet
5Mb / 223P
BQ79616-Q1, BQ79616H-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector
REVISED NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com