Electronic Components Datasheet Search
  English  ▼

X  

PS2511-2 Datasheet (PDF) - Renesas Technology Corp

PS2511-2 Datasheet PDF - Renesas Technology Corp
Part # PS2511-2
Download  PS2511-2 Download
File Size   249.62 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PHOTOCOUPLER

PS2511-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS2511-2 Datasheet PDF - Renesas Technology Corp

Part # PS2511-2
Download  PS2511-2 Click to download

File Size   249.62 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PHOTOCOUPLER

PS2511-2 Datasheet (HTML) - Renesas Technology Corp


PS2511-2 Product details

HIGH ISOLATION VOLTAGE
STANDARD MULTI PHOTOCOUPLER SERIES
SINGLE TRANSISTOR TYPE

FEATURES
• High isolation voltage (BV = 5 000 Vr.m.s.)
• High current transfer ratio (CTR = 200 % TYP.)
• High-speed switching (tr = 3 ms TYP., tf = 5 ms TYP.)
• Taping Product number : PS2511L-1-E3, E4, F3, F4, PS2511L-2-E3, E4
• UL approved : File No. E72422 (S)




Similar Part No. - PS2511-2

ManufacturerPart #DatasheetDescription
logo
NEC
PS2511-2 NEC-PS2511-2 Datasheet
130Kb / 12P
HIGH ISOLATION VOLTAGE STANDARD MULTI PHOTOCOUPLER SERIES SINGLE TRANSISTOR TYPE
More results


Similar Description - PS2511-2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
6N138 MARKTECH-6N138 Datasheet
107Kb / 3P
PHOTOCOUPLER
logo
Kingbright Corporation
KB3541NT KINGBRIGHT-KB3541NT Datasheet
142Kb / 7P
PHOTOCOUPLER
logo
California Eastern Labs
PS2561A-1 CEL-PS2561A-1 Datasheet
471Kb / 15P
PHOTOCOUPLER
logo
Kingbright Corporation
KB356NT KINGBRIGHT-KB356NT Datasheet
209Kb / 9P
PHOTOCOUPLER
KB846 KINGBRIGHT-KB846 Datasheet
239Kb / 9P
PHOTOCOUPLER
KBT011 KINGBRIGHT-KBT011 Datasheet
127Kb / 4P
PHOTOCOUPLER
logo
Lite-On Technology Corp...
LTV-M601 LITEON-LTV-M601 Datasheet
527Kb / 17P
Photocoupler
logo
LETEX TECHNOLOGY CORP.
LA211 LETEX-LA211 Datasheet
195Kb / 4P
Photocoupler
LA313 LETEX-LA313 Datasheet
211Kb / 4P
Photocoupler
logo
Guangdong Youtai Semico...
PS2501 UMW-PS2501 Datasheet
263Kb / 5P
PHOTOCOUPLER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com