Electronic Components Datasheet Search
  English  ▼

X  

NCE40P20Q Datasheet (PDF) - Wuxi NCE Power Semiconductor Co., Ltd

NCE40P20Q Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd
Part # NCE40P20Q
Download  NCE40P20Q Download
File Size   687.78 Kbytes
Page   8 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE P-Channel Enhancement Mode Power MOSFET

NCE40P20Q Datasheet (PDF)

Go To PDF Page Download Datasheet
NCE40P20Q Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE40P20Q
Download  NCE40P20Q Click to download

File Size   687.78 Kbytes
Page   8 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE P-Channel Enhancement Mode Power MOSFET

NCE40P20Q Datasheet (HTML) - Wuxi NCE Power Semiconductor Co., Ltd


NCE40P20Q Product details

Description
The NCE40P20Q uses advanced trench technology to provide
excellent RDS(ON), This device is suitable for use as a load switch
or power management. Application
● Power management
● Load switch
General Features
● VDS = -40V,ID = -20A
RDS(ON) <18mΩ @ VGS=-10V
RDS(ON) <28mΩ @ VGS=-4.5V
● High power and current handing capability
● Lead free product is acquired
● Surface mount




Similar Part No. - NCE40P20Q

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE40P20Q1 NCEPOWER-NCE40P20Q1 Datasheet
723Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
v2.0
More results


Similar Description - NCE40P20Q

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE2301A NCEPOWER-NCE2301A Datasheet
342Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE2301C NCEPOWER-NCE2301C Datasheet
328Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE01P18L NCEPOWER-NCE01P18L Datasheet
317Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE15P25 NCEPOWER-NCE15P25 Datasheet
357Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE20P70G NCEPOWER-NCE20P70G Datasheet
367Kb / 6P
NCE P-Channel Enhancement Mode Power MOSFET
NCE30P12S NCEPOWER-NCE30P12S Datasheet
370Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE30P15S NCEPOWER-NCE30P15S Datasheet
347Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE40P06S NCEPOWER-NCE40P06S Datasheet
402Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE40P40K NCEPOWER-NCE40P40K Datasheet
477Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE55P15 NCEPOWER-NCE55P15 Datasheet
357Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com