Electronic Components Datasheet Search
  English  ▼

X  

NCE01P30D Datasheet (PDF) - Wuxi NCE Power Semiconductor Co., Ltd

NCE01P30D Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd
Part # NCE01P30D
Download  NCE01P30D Download
File Size   330.66 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE P-Channel Enhancement Mode Power MOSFET

NCE01P30D Datasheet (PDF)

Go To PDF Page Download Datasheet
NCE01P30D Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE01P30D
Download  NCE01P30D Click to download

File Size   330.66 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE P-Channel Enhancement Mode Power MOSFET

NCE01P30D Datasheet (HTML) - Wuxi NCE Power Semiconductor Co., Ltd


NCE01P30D Product details

Description
The NCE01P30D uses advanced trench technology and
design to provide excellent RDS(ON) with low gate charge. It can
be used in a wide variety of applications. It is ESD protested.
General Features
● VDS =-100V,ID =-30A
RDS(ON) <58mΩ @ VGS=-10V (Typ:44mΩ)
RDS(ON) <65mΩ @ VGS=-4.5V (Typ:48mΩ)
● Super high dense cell design
● Advanced trench process technology
● Reliable and rugged
● High density cell design for ultra low On-Resistance
Application
● Portable equipment and battery powered systems




Similar Part No. - NCE01P30D

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE01P30 NCEPOWER-NCE01P30 Datasheet
348Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE01P30I NCEPOWER-NCE01P30I Datasheet
321Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
V3.0
NCE01P30K NCEPOWER-NCE01P30K Datasheet
413Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
NCE01P30K VBSEMI-NCE01P30K Datasheet
998Kb / 9P
P-Channel 100 V (D-S) MOSFET
logo
BYCHIP ELECTRONICS CO.,...
NCE01P30K BYCHIP-NCE01P30K Datasheet
933Kb / 4P
P-channel Enhancement Mode Power MOSFET
v1.0
More results


Similar Description - NCE01P30D

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE2301A NCEPOWER-NCE2301A Datasheet
342Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE2301C NCEPOWER-NCE2301C Datasheet
328Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE01P18L NCEPOWER-NCE01P18L Datasheet
317Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE15P25 NCEPOWER-NCE15P25 Datasheet
357Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE20P70G NCEPOWER-NCE20P70G Datasheet
367Kb / 6P
NCE P-Channel Enhancement Mode Power MOSFET
NCE30P12S NCEPOWER-NCE30P12S Datasheet
370Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE30P15S NCEPOWER-NCE30P15S Datasheet
347Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE40P06S NCEPOWER-NCE40P06S Datasheet
402Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE40P40K NCEPOWER-NCE40P40K Datasheet
477Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE55P15 NCEPOWER-NCE55P15 Datasheet
357Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com