Electronic Components Datasheet Search
  English  ▼

X  

HEF4071B Datasheet (PDF) - Nexperia B.V. All rights reserved

HEF4071B Datasheet PDF - Nexperia B.V. All rights reserved
Part # HEF4071B
Download  HEF4071B Download
File Size   199.36 Kbytes
Page   9 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 2-input OR gate

HEF4071B Datasheet (PDF)

Go To PDF Page Download Datasheet
HEF4071B Datasheet PDF - Nexperia B.V. All rights reserved

Part # HEF4071B
Download  HEF4071B Click to download

File Size   199.36 Kbytes
Page   9 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 2-input OR gate

HEF4071B Datasheet (HTML) - Nexperia B.V. All rights reserved


HEF4071B Product details

1. General description
The HEF4071B is a quad 2-input OR gate. Inputs include clamp diodes. This enables the use of
current limiting resistors to interface inputs to voltages in excess of VDD.
2. Features and benefits
• Fully static operation
• 5 V, 10 V, and 15 V parametric ratings
• CMOS low power dissipation
• High noise immunity
• Standardized symmetrical output characteristics
• Inputs and outputs are protected against electrostatic effects
• Complies with JEDEC standard JESD 13-B
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - HEF4071B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4071B PHILIPS-HEF4071B Datasheet
25Kb / 3P
Quadruple 2-input OR gate
January 1995
HEF4071B NXP-HEF4071B Datasheet
361Kb / 11P
Quad 2-input OR gate
Rev. 06-1 December 2009
logo
Nexperia B.V. All right...
HEF4071B-Q100 NEXPERIA-HEF4071B-Q100 Datasheet
242Kb / 9P
Quad 2-input OR gate
Rev. 2 5 September 2024
logo
NXP Semiconductors
HEF4071BD PHILIPS-HEF4071BD Datasheet
25Kb / 3P
Quadruple 2-input OR gate
January 1995
HEF4071BF PHILIPS-HEF4071BF Datasheet
25Kb / 3P
Quadruple 2-input OR gate
January 1995
More results


Similar Description - HEF4071B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
Quad 2-Input OR gate
1991 Feb 08
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
QUAD 2-INPUT OR GATE
Apr-2001
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
QUAD 2-INPUT OR GATE
Feb-1999
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
QUAD 2 INPUT OR GATE
logo
Fairchild Semiconductor
DM74AS32 FAIRCHILD-DM74AS32 Datasheet
60Kb / 5P
Quad 2-Input OR Gate
DM74S32 FAIRCHILD-DM74S32 Datasheet
33Kb / 3P
Quad 2-Input OR Gate
MM74HCT32 FAIRCHILD-MM74HCT32_05 Datasheet
83Kb / 7P
Quad 2-Input OR Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com