Electronic Components Datasheet Search
  English  ▼

X  

HEF4043B Datasheet (PDF) - Nexperia B.V. All rights reserved

HEF4043B Datasheet PDF - Nexperia B.V. All rights reserved
Part # HEF4043B
Download  HEF4043B Download
File Size   215.33 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad R/S latch with 3-state outputs

HEF4043B Datasheet (PDF)

Go To PDF Page Download Datasheet
HEF4043B Datasheet PDF - Nexperia B.V. All rights reserved

Part # HEF4043B
Download  HEF4043B Click to download

File Size   215.33 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad R/S latch with 3-state outputs

HEF4043B Datasheet (HTML) - Nexperia B.V. All rights reserved


HEF4043B Product details

1. General description
The HEF4043B is a quad R/S latch with 3-state outputs and common output enable input (OE).
Each latch has set (nS), and reset (nR) inputs and a 3-state output (nQ). When OE is LOW, the
latch outputs are in the high impedance OFF-state. OE does not affect the state of the latch.
Inputs include clamp diodes. This enables the use of current limiting resistors to interface inputs to
voltages in excess of VDD.
2. Features and benefits
• Wide supply voltage range from 3.0 to 15.0 V
• CMOS low power dissipation
• High noise immunity
• Fully static operation
• 5 V, 10 V, and 15 V parametric ratings
• Standardized symmetrical output characteristics
• Complies with JEDEC standard JESD 13-B
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V (C = 200 pF, R = 0 Ω)
• Specified from -40 °C to +85 °C
3. Applications
• Four-bit storage with output enable




Similar Part No. - HEF4043B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4043B PHILIPS-HEF4043B Datasheet
46Kb / 5P
Quadruple R/S latch with 3-state outputs
January 1995
HEF4043B NXP-HEF4043B Datasheet
81Kb / 13P
Quad R/S latch with 3-state outputs
Rev. 06-11 November 2008
logo
Nexperia B.V. All right...
HEF4043B-Q100 NEXPERIA-HEF4043B-Q100 Datasheet
685Kb / 14P
Quad R/S latch with 3-state outputs
HEF4043B-Q100 NEXPERIA-HEF4043B-Q100 Datasheet
215Kb / 11P
Quad R/S latch with 3-state outputs
Rev. 4 3 September 2024
HEF4043B-Q100 NEXPERIA-HEF4043B-Q100_V01 Datasheet
215Kb / 11P
Quad R/S latch with 3-state outputs
Rev. 4 3 September 2024
More results


Similar Description - HEF4043B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4043B PHILIPS-HEF4043B Datasheet
46Kb / 5P
Quadruple R/S latch with 3-state outputs
January 1995
HEF4044B PHILIPS-HEF4044B Datasheet
47Kb / 5P
Quadruple R/S latch with 3-state outputs
January 1995
logo
Toshiba Semiconductor
TC4044BP TOSHIBA-TC4044BP Datasheet
238Kb / 6P
QUAD 3-STATE R/S LATCH(Quad NAND R/S Latch)
logo
System Logic Semiconduc...
SL4043B SLS-SL4043B Datasheet
44Kb / 6P
Quad 3-State R/S Latch
logo
Fairchild Semiconductor
CD4043BC FAIRCHILD-CD4043BC Datasheet
68Kb / 6P
Quad 3-STATE NOR R/S Latches . Quad 3-STATE NAND R/S Latches
logo
Toshiba Semiconductor
TC4044BP TOSHIBA-TC4044BP_07 Datasheet
290Kb / 9P
Quad 3-State R/S Latch
logo
NXP Semiconductors
HEF4043B NXP-HEF4043B Datasheet
81Kb / 13P
Quad R/S latch with 3-state outputs
Rev. 06-11 November 2008
HEF4044B NXP-HEF4044B Datasheet
81Kb / 13P
Quad R/S latch with 3-state outputs
Rev. 06-11 November 2008
HEF4043B PHILIPS-HEF4043B_15 Datasheet
158Kb / 14P
Quad R/S latch with 3-state outputs
Rev. 10-18 November 2011
logo
Nexperia B.V. All right...
HEF4043B-Q100 NEXPERIA-HEF4043B-Q100 Datasheet
685Kb / 14P
Quad R/S latch with 3-state outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com