Electronic Components Datasheet Search
  English  ▼

X  

IW3612 Datasheet (PDF) - Renesas Technology Corp

IW3612 Datasheet PDF - Renesas Technology Corp
Part # IW3612
Download  IW3612 Download
File Size   2160.79 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description AC/DC Digital Power Controller for Dimmable LED Drivers Rev.

IW3612 Datasheet (PDF)

Go To PDF Page Download Datasheet
IW3612 Datasheet PDF - Renesas Technology Corp

Part # IW3612
Download  IW3612 Click to download

File Size   2160.79 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description AC/DC Digital Power Controller for Dimmable LED Drivers Rev.

IW3612 Datasheet (HTML) - Renesas Technology Corp


IW3612 Product details

● Isolated AC/DC offline 100VAC /230VAC LED driver
● Line frequency ranges from 45Hz to 66Hz
● Intelligent wall dimmer detection
x Leading-edge dimmer
x Trailing-edge dimmer
x No-dimmer detected
x Unsupported dimmer
● Hybrid dimming scheme
● Wide dimming range from 1% up to 100%
● Optimized for PF > 0.7
● No visible flicker
● Resonant control to achieve high efficiency, 85% without
dimmer
● Temperature compensated LED current
● Small size design
x Small size input bulk capacitor
x Small size output capacitor
x Small transformer
● Primary-side sensing eliminates the need
opto-isolator feedback and simplifies design
● Tight LED current regulation ± 5%
● Fast start-up, typically 10μA start-up current
● Hot-plug LED module support
● Multiple protection features:
x LED open circuit protection
x Single-fault protection
x Over-current protection
x LED short circuit protection
x Current sense resistor short circuit protection
x Over-temperature protection
x Input over-voltage protection
● Up to 25W output power




Similar Part No. - IW3612

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW3612 DIALOG-IW3612 Datasheet
1Mb / 18P
AC/DC Digital Power Controller for Dimmable LED Drivers
IW3612-00 DIALOG-IW3612-00 Datasheet
1Mb / 18P
AC/DC Digital Power Controller for Dimmable LED Drivers
IW3612-01 DIALOG-IW3612-01 Datasheet
1Mb / 18P
AC/DC Digital Power Controller for Dimmable LED Drivers
IW3612-03 DIALOG-IW3612-03 Datasheet
1Mb / 18P
AC/DC Digital Power Controller for Dimmable LED Drivers
IW3612-05 DIALOG-IW3612-05 Datasheet
1Mb / 18P
AC/DC Digital Power Controller for Dimmable LED Drivers
More results


Similar Description - IW3612

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW3602 DIALOG-IW3602 Datasheet
1Mb / 19P
AC/DC Digital Power Controller for Dimmable LED Drivers
IW3602-00 DIALOG-IW3602-00 Datasheet
1Mb / 18P
AC/DC Digital Power Controller for Dimmable LED Drivers
IW3612 DIALOG-IW3612 Datasheet
1Mb / 18P
AC/DC Digital Power Controller for Dimmable LED Drivers
IW3616 DIALOG-IW3616 Datasheet
452Kb / 6P
AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
IW3617 DIALOG-IW3617 Datasheet
471Kb / 6P
AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
IW3623 DIALOG-IW3623 Datasheet
514Kb / 6P
AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
IW3688 DIALOG-IW3688 Datasheet
384Kb / 6P
AC/DC Advanced Digital Power Controller for Single-Stage Dimmable LED Drivers
logo
Renesas Technology Corp
IW3602-30C RENESAS-IW3602-30C Datasheet
1Mb / 16P
AC/DC Digital Power Controllers for Dimmable LED Drivers
07-Apr-2022
IW3602 RENESAS-IW3602 Datasheet
2Mb / 18P
AC/DC Digital Power Controller for Dimmable LED Drivers
31-May-2022
IW3614 RENESAS-IW3614 Datasheet
2Mb / 18P
AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
February 02, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com