Electronic Components Datasheet Search
  English  ▼

X  

ISL6545IBZ Datasheet (PDF) - Renesas Technology Corp

ISL6545IBZ Datasheet PDF - Renesas Technology Corp
Part # ISL6545IBZ
Download  ISL6545IBZ Download
File Size   838.93 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller

ISL6545IBZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6545IBZ Datasheet PDF - Renesas Technology Corp

Part # ISL6545IBZ
Download  ISL6545IBZ Click to download

File Size   838.93 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller

ISL6545IBZ Datasheet (HTML) - Renesas Technology Corp


ISL6545IBZ Product details

Features
• Operates from +5V or +12V Supply Voltage (for bias)
- 1.0V to 12V VIN Input Range (up to 20V possible with
restrictions; see Input Voltage Considerations)
- 0.6V to VIN Output Range
- Integrated Gate Drivers use VCC (5V to 12V)
- 0.6V Internal Reference; ±1.0% tolerance
• Simple Single-Loop Control Design
- Voltage-Mode PWM Control
- Drives N-Channel MOSFETs
- Traditional Dual Edge Modulator
• Fast Transient Response
- High-Bandwidth Error Amplifier
- Full 0% to 100% Duty Cycle
• Lossless, Programmable Overcurrent Protection
- Uses Lower MOSFET’s rDS(ON)
• Small Converter Size in 8 Ld SOIC or 10 Ld DFN
- 300kHz or 600kHz Fixed Frequency Oscillator
- Fixed Internal Soft-Start, Capable into a Pre-biased
Load
- Integrated Boot Diode
- Enable/Shutdown Function on COMP/SD Pin
- Output Current Sourcing and Sinking
• Pb-Free (RoHS Compliant)




Similar Part No. - ISL6545IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6545IBZ INTERSIL-ISL6545IBZ Datasheet
369Kb / 16P
5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
April 29, 2010
More results


Similar Description - ISL6545IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
April 3, 2007
ISL6341 INTERSIL-ISL6341 Datasheet
302Kb / 17P
5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
December 2, 2008
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6526 INTERSIL-ISL6526 Datasheet
330Kb / 15P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
November 24, 2008
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
December 10, 2009
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
December 10, 2009
ISL6341ACRZ-T INTERSIL-ISL6341ACRZ-T Datasheet
308Kb / 17P
5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
December 2, 2008
ISL6545 INTERSIL-ISL6545 Datasheet
369Kb / 16P
5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
April 29, 2010
logo
Renesas Technology Corp
ISL6341 RENESAS-ISL6341 Datasheet
803Kb / 18P
5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com