Electronic Components Datasheet Search
  English  ▼

X  

CH211V1 Datasheet (PDF) - Cvilux Corporation

CH211V1 Datasheet PDF - Cvilux Corporation
Part # CH211V1
Download  CH211V1 Download
File Size   99.38 Kbytes
Page   1 Pages
Manufacturer  CVILUX [Cvilux Corporation]
Direct Link  https://www.cvilux.com/
Logo CVILUX - Cvilux Corporation
Description 2.00MM(.079") SINGLE ROW DUAL BODY BORAD MOUNT PIN HEADER

CH211V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
CH211V1 Datasheet PDF - Cvilux Corporation

Part # CH211V1
Download  CH211V1 Click to download

File Size   99.38 Kbytes
Page   1 Pages
Manufacturer  CVILUX [Cvilux Corporation]
Direct Link  https://www.cvilux.com/
Logo CVILUX - Cvilux Corporation
Description 2.00MM(.079") SINGLE ROW DUAL BODY BORAD MOUNT PIN HEADER

CH211V1 Datasheet (HTML) - Cvilux Corporation




Similar Part No. - CH211V1

ManufacturerPart #DatasheetDescription
logo
Cvilux Corporation
CH21021M1-00 CVILUX-CH21021M1-00 Datasheet
114Kb / 1P
2.00mm(.079") SINGLE ROW DUAL BODY SURFACE BOARD MOUNT PIN HEADER
CH21021M1-0P CVILUX-CH21021M1-0P Datasheet
114Kb / 1P
2.00mm(.079") SINGLE ROW DUAL BODY SURFACE BOARD MOUNT PIN HEADER
CH21022M1-00 CVILUX-CH21022M1-00 Datasheet
114Kb / 1P
2.00mm(.079") SINGLE ROW DUAL BODY SURFACE BOARD MOUNT PIN HEADER
CH21022M1-0P CVILUX-CH21022M1-0P Datasheet
114Kb / 1P
2.00mm(.079") SINGLE ROW DUAL BODY SURFACE BOARD MOUNT PIN HEADER
CH21023M1-00 CVILUX-CH21023M1-00 Datasheet
114Kb / 1P
2.00mm(.079") SINGLE ROW DUAL BODY SURFACE BOARD MOUNT PIN HEADER
More results


Similar Description - CH211V1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCPHC3610AG1 DUBILIER-DBCPHC3610AG1 Datasheet
97Kb / 1P
PIN HEADER DUAL BODY SINGLE ROW - 2.0MM
logo
Molex Electronics Ltd.
0877550800 MOLEX9-0877550800 Datasheet
101Kb / 3P
2.00mm (.079") Pitch PCB Header, Through Hole, Single Row Dual Body, Vertical, 8 Circuits
logo
Global Connector Techno...
BF135 GCT-BF135 Datasheet
103Kb / 1P
2.00mm Pitch Pin Header,Dual Row, Surface Mount,Horizontal
31st October 2007
logo
Cvilux Corporation
CH0301S CVILUX-CH0301S Datasheet
105Kb / 1P
1.27mm(.0507) SINGLE ROW DUAL BODY BOARD MOUNT PIN HEADER
CH0302S CVILUX-CH0302S Datasheet
116Kb / 1P
1.27mm(.050%) SINGLE ROW DUAL BODY SURFACE BOARD MOUNT PIN HEADER
CH0601S2 CVILUX-CH0601S2 Datasheet
196Kb / 2P
1.27MM(.050°) STRAIGHT DUAL ROW BORAD MOUNT PIN HEADER
CH1101S CVILUX-CH1101S Datasheet
99Kb / 1P
2.00MM(.079") STRAIGHT SINGLE ROW BORAD MOUNT PIN HEADER
CH1102S CVILUX-CH1102S Datasheet
98Kb / 1P
2.00MM(.079") RIGHT ANGLE SINGLE ROW BORAD MOUNT PIN HEADER
CH1301S CVILUX-CH1301S Datasheet
100Kb / 1P
2.00MM(.079") STRAIGHT SINGLE ROW BORAD MOUNT PIN HEADER
CH2102S CVILUX-CH2102S Datasheet
114Kb / 1P
2.00mm(.079") SINGLE ROW DUAL BODY SURFACE BOARD MOUNT PIN HEADER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com