Electronic Components Datasheet Search
  English  ▼

X  

CH01044V1 Datasheet (PDF) - Cvilux Corporation

CH01044V1 Datasheet PDF - Cvilux Corporation
Part # CH01044V1
Download  CH01044V1 Download
File Size   104.99 Kbytes
Page   1 Pages
Manufacturer  CVILUX [Cvilux Corporation]
Direct Link  https://www.cvilux.com/
Logo CVILUX - Cvilux Corporation
Description LCP With 30% GF UL 94V—0 Color Black

CH01044V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
CH01044V1 Datasheet PDF - Cvilux Corporation

Part # CH01044V1
Download  CH01044V1 Click to download

File Size   104.99 Kbytes
Page   1 Pages
Manufacturer  CVILUX [Cvilux Corporation]
Direct Link  https://www.cvilux.com/
Logo CVILUX - Cvilux Corporation
Description LCP With 30% GF UL 94V—0 Color Black

CH01044V1 Datasheet (HTML) - Cvilux Corporation




Similar Part No. - CH01044V1

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CH015H-40PT CHENMKO-CH015H-40PT Datasheet
209Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 40 - 60 Volts CURRENT 15 mAmperes
CH015H-50PT CHENMKO-CH015H-50PT Datasheet
209Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 40 - 60 Volts CURRENT 15 mAmperes
CH015H-60PT CHENMKO-CH015H-60PT Datasheet
209Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 40 - 60 Volts CURRENT 15 mAmperes
More results


Similar Description - CH01044V1

ManufacturerPart #DatasheetDescription
logo
FCI connector
87022 FCI-CONNECTOR-87022 Datasheet
246Kb / 3P
HOUSING MATERIAL: LCP GLASS FILLED FLAME RETARDANT PER UL 94V-0
87024 FCI-CONNECTOR-87024 Datasheet
271Kb / 3P
HOUSING MATERIAL: LCP GLASS FILLED FLAME RETARDANT PER UL 94V-0
logo
FERYSTER Inductive Comp...
OBUD-TOR-25X15X10 FERYSTER-OBUD-TOR-25X15X10 Datasheet
119Kb / 1P
UL REC. UL 94V-0
logo
FCI connector
61082-101009 FCI-CONNECTOR-61082-101009 Datasheet
473Kb / 6P
1.MATERIAL HOUSING LCP UL 94V-O
logo
List of Unclassifed Man...
3220-10-0100-00 ETC2-3220-10-0100-00 Datasheet
47Kb / 1P
INSULAATOR MATERIAL: NYLON-6T, UL 94V- 0
3230-06-0101-00 ETC2-3230-06-0101-00 Datasheet
52Kb / 1P
INSULATOR MATERIAL: PBT, UL 94V-0
logo
Toshiba Semiconductor
1-1734741-4 TOSHIBA-1-1734741-4 Datasheet
159Kb / 2P
THERMOPLASTIC WITH 33 GF UL 94V-O BLACK COLOR
1-1734741-7 TOSHIBA-1-1734741-7 Datasheet
159Kb / 2P
THEROMPLASTIC WITH 33 GF UL 94V-O BLACK COLOR
logo
AEL Crystals Ltd
FFB0812EHE-F00 AEL-FFB0812EHE-F00 Datasheet
110Kb / 1P
Material Impeller & Frame : Plastic (UL 94V-0)
logo
TT Electronics.
MOM TTELEC-MOM Datasheet
137Kb / 1P
coating meets ul-94v-0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com