Electronic Components Datasheet Search
  English  ▼

X  

1071003 Datasheet (PDF) - PHOENIX CONTACT

1071003 Datasheet PDF - PHOENIX CONTACT
Part # 1071003
Download  1071003 Download
File Size   306.99 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPTAF 1/ 6-3,5-EL-EX - PCB terminal block

1071003 Datasheet (PDF)

Go To PDF Page Download Datasheet
1071003 Datasheet PDF - PHOENIX CONTACT

Part # 1071003
Download  1071003 Click to download

File Size   306.99 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPTAF 1/ 6-3,5-EL-EX - PCB terminal block

1071003 Datasheet (HTML) - PHOENIX CONTACT


1071003 Product details

PCB terminal block, nominal current: 16 A, nominal cross section: 1.5 mm2, number of rows: 1,
number of positions per row: 6, product range: SPTAF 1/..-EL-EX, pitch: 3.5 mm, connection
method: Push-in spring connection, mounting: Wave soldering, conductor/PCB connection
direction: 45 °, color: green, Pin layout: Linear pinning, Solder pin [P]: 2.6 mm, number of solder
pins per potential: 2, type of packaging: Tray

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Finger-operated release button for very convenient operation
• Small component size for applications where space is at a premium
• Satisfies the more stringent safety requirements of “Ex eb” protection according to IEC 60079-7 for potentially explosive areas
• Quick and convenient testing using integrated test option




Similar Part No. - 1071003

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
107100 PHOENIX-107100 Datasheet
550Kb / 38P
QUINT4-PS/1AC/24DC/10
1071000 PHOENIX-1071000 Datasheet
414Kb / 13P
PCB terminal block, Push-in spring connection
1071001 PHOENIX-1071001 Datasheet
415Kb / 13P
PCB terminal block, Push-in spring connection
1071002 PHOENIX-1071002 Datasheet
301Kb / 10P
SPTAF 1/ 5-3,5-EL-EX - PCB terminal block
1071004 PHOENIX-1071004 Datasheet
302Kb / 10P
SPTAF 1/ 7-3,5-EL-EX - PCB terminal block
More results


Similar Description - 1071003

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1862084 PHOENIX-1862084 Datasheet
147Kb / 7P
PCB terminal block - SPTAF 1/ 6-3,5-EL
1071008 PHOENIX-1071008 Datasheet
76Kb / 4P
PCB terminal block - SPTAF 1/11-3,5-EL-EX
10/28/2020
1071009 PHOENIX-1071009 Datasheet
76Kb / 4P
PCB terminal block - SPTAF 1/12-3,5-EL-EX
10/28/2020
1071005 PHOENIX-1071005 Datasheet
298Kb / 10P
PCB terminal block - SPTAF 1/ 8-3,5-EL-EX
Jan 10, 2023
1071002 PHOENIX-1071002 Datasheet
301Kb / 10P
SPTAF 1/ 5-3,5-EL-EX - PCB terminal block
1071004 PHOENIX-1071004 Datasheet
302Kb / 10P
SPTAF 1/ 7-3,5-EL-EX - PCB terminal block
1071006 PHOENIX-1071006 Datasheet
302Kb / 10P
SPTAF 1/ 9-3,5-EL-EX - PCB terminal block
1071007 PHOENIX-1071007 Datasheet
306Kb / 10P
SPTAF 1/10-3,5-EL-EX - PCB terminal block
1071050 PHOENIX-1071050 Datasheet
304Kb / 10P
SPTAF 1/ 6-5,0-EL-EX - PCB terminal block
1862233 PHOENIX-1862233 Datasheet
360Kb / 10P
SPTAF 1/13-3,5-EL - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com