Electronic Components Datasheet Search
  English  ▼

X  

SY10EP08VZCTR Datasheet (PDF) - Micrel Semiconductor

SY10EP08VZCTR Datasheet PDF - Micrel Semiconductor
Part # SY10EP08VZCTR
Download  SY10EP08VZCTR Download
File Size   110.72 Kbytes
Page   7 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V DIFFERENTIAL 2-INPUT XOR/XNOR

SY10EP08VZCTR Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10EP08VZCTR Datasheet PDF - Micrel Semiconductor

Part # SY10EP08VZCTR
Download  SY10EP08VZCTR Click to download

File Size   110.72 Kbytes
Page   7 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V DIFFERENTIAL 2-INPUT XOR/XNOR

SY10EP08VZCTR Datasheet (HTML) - Micrel Semiconductor


SY10EP08VZCTR Product details

DESCRIPTION
The SY10EP08V is a 2-input differential XOR/XNOR gate. The EP08V is ideal for applications requiring the fastest AC performance available.
FEATURES

■ 3.3V or 5V power supply options
■ Maximum frequency > 3GHz typical
■ 200ps typical propagation delay
■ Internal input resistors: pulldown on D, pulldown and pullup on /D
■ Q output will default LOW with inputs open or at VEE
■ Transistor count: 152
■ Available in 8-Pin MSOP and SOIC packages




Similar Part No. - SY10EP08VZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP01V MICREL-SY10EP01V Datasheet
80Kb / 5P
5V/3.3V 4-INPUT OR/NOR
SY10EP01V MICREL-SY10EP01V Datasheet
491Kb / 6P
5V/3.3V 4-INPUT OR/NOR
SY10EP01VKC MICREL-SY10EP01VKC Datasheet
80Kb / 5P
5V/3.3V 4-INPUT OR/NOR
SY10EP01VKC MICREL-SY10EP01VKC Datasheet
491Kb / 6P
5V/3.3V 4-INPUT OR/NOR
SY10EP01VKCTR MICREL-SY10EP01VKCTR Datasheet
80Kb / 5P
5V/3.3V 4-INPUT OR/NOR
More results


Similar Description - SY10EP08VZCTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL07 ONSEMI-MC10EL07 Datasheet
71Kb / 2P
2-Input XOR/XNOR
1996 REV 2
MC10EP08 ONSEMI-MC10EP08 Datasheet
75Kb / 8P
Differential 2-Input XOR/XNOR
April, 2001 ??Rev. 3
logo
Micrel Semiconductor
SY10EL07 MICREL-SY10EL07 Datasheet
47Kb / 4P
2-INPUT XOR/XNOR
logo
List of Unclassifed Man...
AZ10EL07 ETC1-AZ10EL07 Datasheet
135Kb / 6P
ECL/PECL 2-Input XOR/XNOR
logo
ON Semiconductor
MC10E107 ONSEMI-MC10E107_06 Datasheet
127Kb / 8P
5V ECL Quint 2-Input XOR/XNOR Gate
November, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY10EL07 MICREL-SY10EL07_06 Datasheet
49Kb / 4P
2-INPUT XOR/XNOR
logo
ON Semiconductor
MC100EP08DG ONSEMI-MC100EP08DG Datasheet
156Kb / 11P
3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
MC10EP08DTG ONSEMI-MC10EP08DTG Datasheet
156Kb / 11P
3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
MC10EP08 ONSEMI-MC10EP08_16 Datasheet
178Kb / 10P
ECL 2-Input Differential XOR/XNOR
August, 2016 ??Rev. 7
logo
Semtech Corporation
SK10EL07U SEMTECH-SK10EL07U Datasheet
110Kb / 4P
2-Input XOR/XNOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com