Electronic Components Datasheet Search
  English  ▼

X  

72841L25LPFGI8 Datasheet (PDF) - Renesas Technology Corp

72841L25LPFGI8 Datasheet PDF - Renesas Technology Corp
Part # 72841L25LPFGI8
Download  72841L25LPFGI8 Download
File Size   323.33 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DUAL CMOS SyncFIFO™

72841L25LPFGI8 Datasheet (PDF)

Go To PDF Page Download Datasheet
72841L25LPFGI8 Datasheet PDF - Renesas Technology Corp

Part # 72841L25LPFGI8
Download  72841L25LPFGI8 Click to download

File Size   323.33 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DUAL CMOS SyncFIFO™

72841L25LPFGI8 Datasheet (HTML) - Renesas Technology Corp


72841L25LPFGI8 Product details

FEATURES:
• The IDT72801 is equivalent to two IDT72201 256 x 9 FIFOs
• The IDT72811 is equivalent to two IDT72211 512 x 9 FIFOs
• The IDT72821 is equivalent to two IDT72221 1,024 x 9 FIFOs
• The IDT72831 is equivalent to two IDT72231 2,048 x 9 FIFOs
• The IDT72841 is equivalent to two IDT72241 4,096 x 9 FIFOs
• The IDT72851 is equivalent to two IDT72251 8,192 x 9 FIFOs
• Offers optimal combination of large capacity, high speed,
design flexibility and small footprint
• Ideal for prioritization, bidirectional, and width expansion
applications
• 10 ns read/write cycle time for the IDT72801/72811/72821/72831/
72841/72851
• Separate control lines and data lines for each FIFO
• Separate Empty, Full, Programmable Almost-Empty and Almost-
Full flags for each FIFO
• Enable puts output data lines in high-impedance state
• Space-saving 64-pin Thin Quad Flat Pack (TQFP) and Slim Thin
Quad Flatpack (STQFP)
• Industrial temperature range (–40°C to +85°C) is available
• Green parts available, see ordering information




Similar Part No. - 72841L25LPFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
72841L25PFG IDT-72841L25PFG Datasheet
344Kb / 10P
DUAL CMOS SyncFIFO
72841L25PFG8 IDT-72841L25PFG8 Datasheet
344Kb / 10P
DUAL CMOS SyncFIFO
72841L25PFGI IDT-72841L25PFGI Datasheet
344Kb / 10P
DUAL CMOS SyncFIFO
72841L25PFGI8 IDT-72841L25PFGI8 Datasheet
344Kb / 10P
DUAL CMOS SyncFIFO
72841L25TFG IDT-72841L25TFG Datasheet
344Kb / 10P
DUAL CMOS SyncFIFO
More results


Similar Description - 72841L25LPFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
DUAL CMOS SyncFIFO
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
3.3 VOLT DUAL CMOS SyncFIFO?
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
DUAL CMOS SyncFIFO
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
3.3 VOLT CMOS SyncFIFO™
MARCH 2018
IDT72420 RENESAS-IDT72420 Datasheet
257Kb / 12P
CMOS SyncFIFO™
FEBRUARY 2018
IDT72421 RENESAS-IDT72421 Datasheet
301Kb / 15P
CMOS SyncFIFO™
NOVEMBER 2017
IDT72805LB RENESAS-IDT72805LB Datasheet
416Kb / 27P
CMOS DUAL SyncFIFO™
MARCH 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com