Electronic Components Datasheet Search
  English  ▼

X  

STC12C5608AD Datasheet (PDF) - STCmicro Technology Co,.Ltd

STC12C5608AD Datasheet PDF - STCmicro Technology Co,.Ltd
Part # STC12C5608AD
Download  STC12C5608AD Download
File Size   1341.72 Kbytes
Page   377 Pages
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd
Description Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.

STC12C5608AD Datasheet (PDF)

Go To PDF Page Download Datasheet
STC12C5608AD Datasheet PDF - STCmicro Technology Co,.Ltd

Part # STC12C5608AD
Download  STC12C5608AD Click to download

File Size   1341.72 Kbytes
Page   377 Pages
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd
Description Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.

STC12C5608AD Datasheet (HTML) - STCmicro Technology Co,.Ltd


STC12C5608AD Product details

Features
Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard
8051.
Operating voltage range: 5.5V ~ 3.5V or 2.2V ~ 3.6V (STC12LE5620AD).
Operating frequency range: 0- 35MHz, is equivalent to standard 8051:0~420MHz
On-chip 30K/28K/24K/20K/16K/12K/8K/4K... FLASH program memory with flexible ISP/IAP capability
On-chip 768 byte RAM
Power control: idle mode(can be waked up by any interrupt) and power-down mode(can be waked up by
external interrupts).
Code protection for flash memory access
Excellent noise immunity, very low power consumption
six 16-bit timer/counter, be compatible with Timer0/Timer1 of standard 8051, 4-channel PCA can be
available as four timers.
9 vector-address, 4 level priority interrupt capability
One enhanced UART with hardware address-recognition and frame-error detection function
One 15 bits Watch-Dog-Timer with 8-bit pre-scaler (one-time-enabled)
SPI Master/Slave communication interface
Four channel Programmable Counter Array (PCA)




Similar Part No. - STC12C5608AD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STC12C5402 ETC1-STC12C5402 Datasheet
1Mb / 149P
STC12C5410AD
STC12C5402AD ETC1-STC12C5402AD Datasheet
1Mb / 149P
STC12C5410AD
STC12C5404 ETC1-STC12C5404 Datasheet
1Mb / 149P
STC12C5410AD
STC12C5404AD ETC1-STC12C5404AD Datasheet
1Mb / 149P
STC12C5410AD
STC12C5406 ETC1-STC12C5406 Datasheet
1Mb / 149P
STC12C5410AD
More results


Similar Description - STC12C5608AD

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
N76E003 NUVOTON-N76E003 Datasheet
4Mb / 276P
Nuvoton 1T 8051-based Microcontroller
N76E616 NUVOTON-N76E616 Datasheet
3Mb / 182P
Nuvoton 1T 8051-based Microcontroller
N76E885 NUVOTON-N76E885 Datasheet
3Mb / 205P
Nuvoton 1T 8051-based Microcontroller
logo
STCmicro Technology Co,...
STC89CXX STC-STC89CXX Datasheet
606Kb / 165P
Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
logo
Nuvoton Technology Corp...
N76E003 NUVOTON-N76E003_17 Datasheet
4Mb / 273P
Nuvoton 1T 8051-based Microcontroller
N76E003 NUVOTON-N76E003_18 Datasheet
4Mb / 276P
Nuvoton 1T 8051-based Microcontroller
logo
COREBAI Microelectronic...
CBM9002 COREBAI-CBM9002 Datasheet
2Mb / 22P
Industry-standard enhanced 8051 core
logo
Kingston Technology Far...
SKC400S37 KINGSTON-SKC400S37 Datasheet
191Kb / 2P
15 times faster than a hard drive
logo
Nuvoton Technology Corp...
ML51 NUVOTON-ML51_V01 Datasheet
2Mb / 164P
1T 8051 8-bit Microcontroller
logo
SINOWEALTH Electronic L...
SH88F6161 SINOWEALTH-SH88F6161 Datasheet
2Mb / 205P
Enhanced 8051 Microcontroller
V2.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com