Electronic Components Datasheet Search
  English  ▼

X  

TPE24LC Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPE24LC Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPE24LC
Download  TPE24LC Download
File Size   1315.28 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description http://34.64.149.214/master/PDF_DATA/TECHPUBLIC/TPE24LC.PDF

TPE24LC Datasheet (PDF)

Go To PDF Page Download Datasheet
TPE24LC Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPE24LC
Download  TPE24LC Click to download

File Size   1315.28 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description http://34.64.149.214/master/PDF_DATA/TECHPUBLIC/TPE24LC.PDF

TPE24LC Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPE24LC Product details

Features
* 140W peak pulse power (8/20ps)
* Protects one data or power line
* Ultra low leakage: nA level
* Operating voltage: 24V
* Ultra low clamping voltage
* Complies with following standards:
—IEC 61000-4-2 (ESD) immunity test
Air discharge: £30kV
Contact discharge: £30kV
—IEC61000-4-4 (Lightning) 4A (8/20ns)




Similar Part No. - TPE24LC

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPE2403D TOPPOWER-TPE2403D Datasheet
362Kb / 3P
1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE2403D TOPPOWER-TPE2403D Datasheet
634Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE2403D TOPPOWER-TPE2403D Datasheet
385Kb / 3P
TPE 15V, 24V &48V Series
TPE2403D TOPPOWER-TPE2403D Datasheet
709Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE2403S TOPPOWER-TPE2403S Datasheet
362Kb / 3P
1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
More results


Similar Description - TPE24LC

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SNMP-1000-B ADVANTECH-SNMP-1000-B Datasheet
295Kb / 2P
Intelligent SNMP/HTTP System Manager
logo
Fuji Electric
EDS11-156A FUJI-EDS11-156A Datasheet
173Kb / 4P
MASTER STATION
logo
Advantech Co., Ltd.
SNMP-1000-B ADVANTECH-SNMP-1000-B_12 Datasheet
1Mb / 2P
Intelligent SNMP/HTTP System Manager
logo
Marktech Corporate
C4SMK MARKTECH-C4SMK Datasheet
605Kb / 9P
Screen Master
C5SMF-AJS MARKTECH-C5SMF-AJS Datasheet
494Kb / 8P
Screen Master
C5SMF-C5SME MARKTECH-C5SMF-C5SME Datasheet
521Kb / 10P
Screen Master
logo
Advantech Co., Ltd.
SNMP-1000-E1B2E ADVANTECH-SNMP-1000-E1B2E Datasheet
695Kb / 2P
Intelligent SNMP/HTTP System Manager
logo
Xilinx, Inc
DS566 XILINX-DS566 Datasheet
877Kb / 38P
PLBV46 Master
logo
ON Semiconductor
FGH75T65SQDT ONSEMI-FGH75T65SQDT Datasheet
1Mb / 11P
http://115.22.68.60/master/PDF_DATA/ONSEMI/FGH75T65SQDT.PDF
June 2017 Rev. 1.0
logo
NXP Semiconductors
SJA1124 NXP-SJA1124 Datasheet
524Kb / 54P
Quad LIN master transceiver with LIN master controller
Rev. 1 ??8 May 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com