Electronic Components Datasheet Search
  English  ▼

X  

1453452 Datasheet (PDF) - PHOENIX CONTACT

1453452 Datasheet PDF - PHOENIX CONTACT
Part # 1453452
Download  1453452 Download
File Size   407.1 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-M 8FS-4CON-M12/0,5 - Device connector, rear mounting

1453452 Datasheet (PDF)

Go To PDF Page Download Datasheet
1453452 Datasheet PDF - PHOENIX CONTACT

Part # 1453452
Download  1453452 Click to download

File Size   407.1 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-M 8FS-4CON-M12/0,5 - Device connector, rear mounting

1453452 Datasheet (HTML) - PHOENIX CONTACT


1453452 Product details

Device connector, rear mounting, 4-position, Socket, straight, M8, Rear mounting, M12 x 1,
Individual wires, cable length: 0.5 m, 0.25 mm2, PVC litz wire

Your advantages
• Pre-assembled with litz wires for immediate use
• Customer-specific assemblies and litz wire lengths available
• Sealed on the litz wire side for optimum leak-tightness
• Standard pin assignments and codings for signal transmission with a uniform design-in design




Similar Part No. - 1453452

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1453450 PHOENIX-1453450 Datasheet
278Kb / 5P
CBC-PRC 3-FC-MS6 8-21 800V - Connector
1453451 PHOENIX-1453451 Datasheet
281Kb / 5P
CBC-PRC 3-FT25-MS6 800V - Panel feed-through
More results


Similar Description - 1453452

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1551529 PHOENIX-1551529 Datasheet
1Mb / 13P
Device connector, rear mounting - SACC-DSI-FSD- 4CON-PG9/0,5 SCO
Jan 11, 2023
1419629 PHOENIX-1419629 Datasheet
531Kb / 13P
SACC-DSI-M12MS-4CON-M16/0,5 - Device connector, rear mounting
1456093 PHOENIX-1456093 Datasheet
411Kb / 9P
SACC-DSI-M8FS-4CON-M10/0,5 - Device connector, rear mounting
1424134 PHOENIX-1424134 Datasheet
349Kb / 9P
SACC-DSI-M12FST-4CON-M16/0,5 - Device connector, rear mounting
1424136 PHOENIX-1424136 Datasheet
349Kb / 9P
SACC-DSI-M12MST-4CON-M16/0,5 - Device connector, rear mounting
1453449 PHOENIX-1453449 Datasheet
341Kb / 8P
SACC-DSI-M 8FS-3CON-M12/0,5 - Device connector, rear mounting
1551875 PHOENIX-1551875 Datasheet
603Kb / 13P
SACC-DSI-MS-4CON-M12/0,5 SCO - Device connector, rear mounting
1436534 PHOENIX-1436534 Datasheet
407Kb / 9P
SACC-DSI-M 8FS-6CON-L180 - Device connector, rear mounting
1453465 PHOENIX-1453465 Datasheet
346Kb / 8P
SACC-DSI-M 8FS-6CON-M12/0,5 - Device connector, rear mounting
1551901 PHOENIX-1551901 Datasheet
507Kb / 11P
SACC-DSI-MSD-4CON-M12/0,5 SCO - Device connector, rear mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com