Electronic Components Datasheet Search
  English  ▼

X  

RP06-11005SRAW Datasheet (PDF) - Recom International Power

RP06-11005SRAW Datasheet PDF - Recom International Power
Part # RP06-11005SRAW
Download  RP06-11005SRAW Download
File Size   878.59 Kbytes
Page   9 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 6 Watt DIP24 Single and Dual Output

RP06-11005SRAW Datasheet (PDF)

Go To PDF Page Download Datasheet
RP06-11005SRAW Datasheet PDF - Recom International Power

Part # RP06-11005SRAW
Download  RP06-11005SRAW Click to download

File Size   878.59 Kbytes
Page   9 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 6 Watt DIP24 Single and Dual Output

RP06-11005SRAW Datasheet (HTML) - Recom International Power


RP06-11005SRAW Product details

Features
• Ultra wide 4:1 input range (36-160VDC)
• Certified for Railway applications (EN50155)
• -40°C to +105°C operating temperature with derating
• Input under voltage lockout
• Output OVLO, short circuit and OLP
• 3kVAC/1min. reinforced isolation
• Remote On/Off

Description
The RP06-RAW series DC/DC converters are designed for railway rolling stock applications with an
extra wide continuous input voltage range of 36-160VDC (200VDC for 1s), making them suitable for
72V, 96V and 110VDC railway systems, but they are also suitable for non-railway high voltage battery applications. They offer single or dual outputs from 3.3V up to ±15V. The high efficiency permits an ambient temperature range from -40°C to more than 85°C without derating, forced cooling, or the need for heatsinks. The RP06-RAW series features UVLO, OVP, SCP, and OLP making them ideal for any harsh railway and industrial applications such as powering IoT sensors, battery management systems, or electric fork-lift trucks. The RP06-RAW is available in an industry standard, compact DIP24 package and comes with a 3 year warranty.




Similar Part No. - RP06-11005SRAW

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RP0603 YAGEO-RP0603 Datasheet
450Kb / 9P
THIN FILM CHIP RESISTORS AUTOMOTIVE GRADE
Jul. 25, 2022 V.0
logo
Vishay Barry
RP0603AS-1000FN-90 BARRY-RP0603AS-1000FN-90 Datasheet
239Kb / 2P
100mW Al2O3 Chip Resistor w/ Wraparound Terminals
RP0603AS-1000FN-90TR BARRY-RP0603AS-1000FN-90TR Datasheet
239Kb / 2P
100mW Al2O3 Chip Resistor w/ Wraparound Terminals
RP0603AS-1000FN-90WP BARRY-RP0603AS-1000FN-90WP Datasheet
239Kb / 2P
100mW Al2O3 Chip Resistor w/ Wraparound Terminals
RP0603AS-1000FN-91 BARRY-RP0603AS-1000FN-91 Datasheet
239Kb / 2P
200mW Al2O3 Chip Resistor w/ Wraparound Terminals
More results


Similar Description - RP06-11005SRAW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC2.2-123.3SR RECOM-REC2.2-123.3SR Datasheet
85Kb / 2P
2.2 Watt DIP24 Single & Dual Output
REC2.2-123.3SRWH1 RECOM-REC2.2-123.3SRWH1 Datasheet
85Kb / 3P
2.2 Watt DIP24 Single & Dual Output
REC3-123.3SRH1 RECOM-REC3-123.3SRH1 Datasheet
85Kb / 2P
2 Watt DIP24 Single & Dual Output
RP12-122.5SA RECOM-RP12-122.5SA Datasheet
93Kb / 4P
12 Watt DIP24 Single & Dual Output
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
3 Watt DIP24 & SMD Single & Dual Output
REC6 RECOM-REC6 Datasheet
115Kb / 4P
6 Watt DIP24 Reinforced Single & Dual Output
REC6-R RECOM-REC6-R Datasheet
114Kb / 4P
6 Watt DIP24 Reinforced Single & Dual Output
REM6-053.3S RECOM-REM6-053.3S Datasheet
471Kb / 6P
6 Watt 2:1 & 4:1 DIP24 Single and Dual Output
RP03-RAW RECOM-RP03-RAW Datasheet
878Kb / 9P
3 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP10-RAW RECOM-RP10-RAW Datasheet
813Kb / 8P
10 Watt DIP24 Single and Dual Output
REV.: 0/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com