Electronic Components Datasheet Search
  English  ▼

X  

XS3A2467PWJ Datasheet (PDF) - Nexperia B.V. All rights reserved

XS3A2467PWJ Datasheet PDF - Nexperia B.V. All rights reserved
Part # XS3A2467PWJ
Download  XS3A2467PWJ Download
File Size   319.42 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual low-ohmic double-pole double-throw analog switch

XS3A2467PWJ Datasheet (PDF)

Go To PDF Page Download Datasheet
XS3A2467PWJ Datasheet PDF - Nexperia B.V. All rights reserved

Part # XS3A2467PWJ
Download  XS3A2467PWJ Click to download

File Size   319.42 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual low-ohmic double-pole double-throw analog switch

XS3A2467PWJ Datasheet (HTML) - Nexperia B.V. All rights reserved


XS3A2467PWJ Product details

1. General description
The XS3A2467 is a dual low-ohmic double-pole double-throw analog switch suitable for use as an
analog or digital multiplexer/demultiplexer. It consists of four switches, each with two independent
input/outputs (nY0 and nY1) and a common input/output (nZ). The two digital inputs (1S and 2S)
are used to select the switch position. 1S is used in selecting the independent inputs/outputs
switched to 1Z and 2Z, and 2S is used in selecting the independent inputs/outputs switched to 3Z
and 4Z. Schmitt trigger action at the digital inputs makes the circuit tolerant to slower input rise
and fall times. Low threshold digital inputs allows this device to be driven by 1.8 V logic levels in
3.3 V applications without significant increase in supply current ICC. This makes it possible for the
XS3A2467 to switch 4.3 V signals with a 1.8 V digital controller, eliminating the need for logic level
translation. The XS3A2467 allows signals with amplitude up to VCC to be transmitted from nZ to
nY0 or nY1; or from nY0 or nY1 to nZ. Its low ON resistance (0.5 Ω) and flatness (0.13 Ω) ensures
minimal attenuation and distortion of transmitted signals.
2. Features and benefits
• Wide supply voltage range from 1.4 V to 4.3 V
• Very low ON resistance (peak):
• 1.6 Ω (typical) at VCC = 1.4 V
• 1.0 Ω (typical) at VCC = 1.65 V
• 0.55 Ω (typical) at VCC = 2.3 V
• 0.5 Ω (typical) at VCC = 2.7 V
• 0.5 Ω (typical) at VCC = 4.3 V
• Break-before-make switching
• High noise immunity
• ESD protection:
• HBM ANSI/ESDA/JEDEC JS-001 exceeds 4000 V
• CDM ANSI/ESDA/JEDEC JS-002 exceeds 1000 V
• IEC61000-4-2 contact discharge exceeds 8000 V for switch ports
• CMOS low-power consumption
• Latch-up performance exceeds 100 mA per JESD78 Class II Level A
• 1.8 V control logic at VCC = 3.6 V
• Control input accepts voltages above supply voltage
• Very low supply current, even when input is below VCC
• High current handling capability (350 mA continuous current under 3.3 V supply)
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
3. Applications
• Appliances
• Communication Systems
• Medical Equipment
• Analog Sensor Monitoring
• Audio Routing/Switching
• Test and Measurement




Similar Part No. - XS3A2467PWJ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
XS3A1T3157 NEXPERIA-XS3A1T3157 Datasheet
288Kb / 19P
Low-ohmic single-pole double-throw analog switch
Rev. 1 - 17 March 2020
XS3A1T3157GM NEXPERIA-XS3A1T3157GM Datasheet
288Kb / 19P
Low-ohmic single-pole double-throw analog switch
Rev. 1 - 17 March 2020
XS3A1T3157GS NEXPERIA-XS3A1T3157GS Datasheet
288Kb / 19P
Low-ohmic single-pole double-throw analog switch
Rev. 1 - 17 March 2020
XS3A1T5157 NEXPERIA-XS3A1T5157 Datasheet
290Kb / 19P
Low-ohmic single-pole double-throw analog switch
Rev. 1 - 17 March 2020
XS3A1T5157GM NEXPERIA-XS3A1T5157GM Datasheet
290Kb / 19P
Low-ohmic single-pole double-throw analog switch
Rev. 1 - 17 March 2020
More results


Similar Description - XS3A2467PWJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L4684 NXP-NX3L4684 Datasheet
592Kb / 24P
Dual low-ohmic single-pole double-throw analog switch
Rev. 04-24 March 2010
NX3L2467 NXP-NX3L2467 Datasheet
235Kb / 24P
Dual low-ohmic double-pole double-throw analog switch
Rev. 3-29 December 2010
NX3L2267 NXP-NX3L2267 Datasheet
189Kb / 22P
Low-ohmic dual single-pole double-throw analog switch
Rev. 4-8 November 2011
NX3L2267S NXP-NX3L2267S Datasheet
288Kb / 20P
Low-ohmic dual single-pole double-throw analog switch
Rev. 2-8 November 2011
NX3L4684 PHILIPS-NX3L4684_15 Datasheet
349Kb / 24P
Low-ohmic dual single-pole double-throw analog switch
Rev. 8-3 April 2014
NX3L1G3157 PHILIPS-NX3L1G3157_15 Datasheet
257Kb / 22P
Low-ohmic single-pole double-throw analog switch
Rev. 10-7 August 2012
NX3L2267 PHILIPS-NX3L2267_15 Datasheet
311Kb / 22P
Low-ohmic dual single-pole double-throw analog switch
Rev. 5-18 June 2012
NX3L2467 PHILIPS-NX3L2467_15 Datasheet
276Kb / 24P
Dual low-ohmic double-pole double-throw analog switch
Rev. 5-2 July 2012
NX3L2267S PHILIPS-NX3L2267S_15 Datasheet
288Kb / 20P
Low-ohmic dual single-pole double-throw analog switch
Rev. 2-8 November 2011
NX3DV2567-Q100 NXP-NX3DV2567-Q100 Datasheet
169Kb / 19P
Low-ohmic four-pole double-throw analog switch
Rev. 1 ??20 January 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com