Electronic Components Datasheet Search
  English  ▼

X  

2147601123 Datasheet (PDF) - Molex Electronics Ltd.

2147601123 Datasheet PDF - Molex Electronics Ltd.
Part # 2147601123
Download  2147601123 Download
File Size   134.68 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description MICROFIT 3.0 F-F 150MM 18AWG LEAD RD Sn

2147601123 Datasheet (PDF)

Go To PDF Page Download Datasheet
2147601123 Datasheet PDF - Molex Electronics Ltd.

Part # 2147601123
Download  2147601123 Click to download

File Size   134.68 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description MICROFIT 3.0 F-F 150MM 18AWG LEAD RD Sn

2147601123 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 2147601123

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2147601123 MOLEX-2147601123 Datasheet
134Kb / 1P
MICROFIT 3.0 F-F 300MM 18AWG LEAD BK Sn
2020/05/14
2147601123 MOLEX-2147601123 Datasheet
42Kb / 1P
Off-the-Shelf Pre-Crimped Leads
07/23/2020
More results


Similar Description - 2147601123

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2147601124 MOLEX-2147601124 Datasheet
134Kb / 1P
MICROFIT 3.0 F-F 300MM 18AWG LEAD BK Sn
2020/05/14
2147601224 MOLEX-2147601224 Datasheet
134Kb / 1P
MICROFIT 3.0 F-F 300MM 18AWG LEAD BK Au
2020/05/14
2147611104 MOLEX-2147611104 Datasheet
136Kb / 1P
MICROFIT 3.0 F-S 300MM 22AWG LEAD BK Sn
2020/07/10
2147611113 MOLEX-2147611113 Datasheet
136Kb / 1P
MICROFIT 3.0 F-S 225MM 20AWG LEAD BK Sn
2020/07/10
2147611221 MOLEX-2147611221 Datasheet
135Kb / 1P
MICROFIT 3.0 F-S 75MM 18AWG LEAD BK Au
2020/05/14
2147612102 MOLEX-2147612102 Datasheet
136Kb / 1P
MICROFIT 3.0 F-S 150MM 22AWG LEAD RD Sn
2020/07/10
2147612121 MOLEX-2147612121 Datasheet
135Kb / 1P
MICROFIT 3.0 F-S 75MM 18AWG LEAD RD Sn
2020/05/14
2147621122 MOLEX-2147621122 Datasheet
140Kb / 1P
MICROFIT 3.0 M-M 150MM 18AWG LEAD BK Sn
2020/05/14
2147632222 MOLEX-2147632222 Datasheet
136Kb / 1P
MICROFIT 3.0 M-S 150MM 18AWG LEAD RD Au
2020/05/14
2147612201 MOLEX-2147612201 Datasheet
136Kb / 1P
MICROFIT 3.0 F-S 75MM 22AWG LEAD RD Au
2020/07/10
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com