Electronic Components Datasheet Search
  English  ▼

X  

D1180D Datasheet (PDF) - G.M. International

D1180D Datasheet PDF - G.M. International
Part # D1180D
Download  D1180D Download
File Size   269.27 Kbytes
Page   2 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description Flammable Liquid Presence Detector Interface Relay Output DIN-Rail Model D1180D

D1180D Datasheet (PDF)

Go To PDF Page Download Datasheet
D1180D Datasheet PDF - G.M. International

Part # D1180D
Download  D1180D Click to download

File Size   269.27 Kbytes
Page   2 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description Flammable Liquid Presence Detector Interface Relay Output DIN-Rail Model D1180D

D1180D Datasheet (HTML) - G.M. International


D1180D Product details

General Description:
The Flammable Liquid Presence Detector Interface type D1180D is a DIN Rail unit
configurable with two isolated independent channels. The unit can be configured for
NPN or PNP transistor type input, NO or NC and for NE or ND SPDT relay output.
Each channel enables a Safe Area load to be controlled by 3 wires opto-electronic
sensors or 3 wires proximity sensors located in Hazardous Area.

Features:
Input from Zone 0 (Zone 20).
Universal AC supply voltage
85 to 264 Vac or 100 to 350 Vdc).
Dual channel Flammable Liquid Presence
Detector Interface Input.
NPN/PNP 3 wires proximity Detector Input.
Two SPDT Relay Output Signals.
Three port isolation, Input/Output/Supply.
In-field programmability by DIP Switch.
ATEX, IECEx, INMETRO, EAC-EX, UKR TR n. 898
Certifications.
Type Approval Certificate DNV and KR for
maritime applications.
High Reliability, SMD components.
High Density, two channels per unit.
Simplified installation using standard
DIN Rail and plug-in terminal blocks.
250 Vrms (Um) max. voltage allowed to the
instruments associated with the barrier.




Similar Part No. - D1180D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
D118030 NXP-D118030 Datasheet
379Kb / 9P
RF Power GaN Transistor
More results


Similar Description - D1180D

ManufacturerPart #DatasheetDescription
logo
G.M. International
D1030 GMI-D1030 Datasheet
297Kb / 2P
SIL 2 Switch/Proximity Detector Repeater Relay Output DIN-Rail Models D1030S, D1030D
D1032 GMI-D1032 Datasheet
304Kb / 2P
SIL 2 Switch/Proximity Detector Repeater Relay Output DIN-Rail Models D1032D, D1032Q
D1034 GMI-D1034 Datasheet
292Kb / 2P
SIL 3 Switch/Proximity Detector Interface DIN-Rail Models D1034S, D1034D
D1045 GMI-D1045 Datasheet
368Kb / 4P
Digital Output Loop / Bus Powered DIN-Rail Model D1045Y
D1046 GMI-D1046 Datasheet
292Kb / 2P
Digital Output Loop / Bus Powered DIN-Rail Model D1046Y
D1062 GMI-D1062 Datasheet
316Kb / 4P
Vibration Transducer Interface DIN-Rail Model D1062S
D1093 GMI-D1093 Datasheet
265Kb / 4P
SIL 3 Relay Output Module with Line and Load diagnostics DIN-Rail Model D1093S
D1130 GMI-D1130 Datasheet
292Kb / 2P
SIL 2 Switch/Proximity Detector Repeater Relay Output DIN-Rail Models D1130S, D1130D
D2052 GMI-D2052 Datasheet
257Kb / 2P
Relay Output Repeater DIN-Rail Model D2052M
D2053 GMI-D2053 Datasheet
245Kb / 2P
Transistor Output Repeater DIN-Rail Model D2053M
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com