Electronic Components Datasheet Search
  English  ▼

X  

840N011BGILF Datasheet (PDF) - Renesas Technology Corp

840N011BGILF Datasheet PDF - Renesas Technology Corp
Part # 840N011BGILF
Download  840N011BGILF Download
File Size   802.75 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Crystal-to-LVCMOS/ LVTTL Clock Synthesizer

840N011BGILF Datasheet (PDF)

Go To PDF Page Download Datasheet
840N011BGILF Datasheet PDF - Renesas Technology Corp

Part # 840N011BGILF
Download  840N011BGILF Click to download

File Size   802.75 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Crystal-to-LVCMOS/ LVTTL Clock Synthesizer

840N011BGILF Datasheet (HTML) - Renesas Technology Corp


840N011BGILF Product details

Features
• Fourth generation FemtoClock® NG technology
• 106.25MHz output clock synthesized from a 26.5625MHz
fundamental mode crystal
• One 2.5V or 3.3V LVCMOS/LVTTL clock output
• Crystal interface designed for a 12pF parallel resonant crystal
• RMS phase jitter @ 100MHz, using a 25MHz crystal
(637kHz - 10MHz): 0.185ps (maximum)
• LVCMOS/LVTTL interface level for the output enable input
• Full 2.5V or 3.3V supply voltage
• Lead-free (RoHS 6) packaging
• -40°C to 85°C ambient operating temperature




Similar Part No. - 840N011BGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
840N011BGILF IDT-840N011BGILF Datasheet
465Kb / 12P
FemtoClock NG Crystal-to-LVCMOS/ LVTTL Clock Synthesizer
840N011BGILFT IDT-840N011BGILFT Datasheet
465Kb / 12P
FemtoClock NG Crystal-to-LVCMOS/ LVTTL Clock Synthesizer
More results


Similar Description - 840N011BGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
840N021 IDT-840N021 Datasheet
268Kb / 13P
FemtoClock NG Crystal-to-LVCMOS/LVTTL Clock
ICS840N011I IDT-ICS840N011I Datasheet
465Kb / 12P
FemtoClock NG Crystal-to-LVCMOS/ LVTTL Clock Synthesizer
ICS840N051I IDT-ICS840N051I Datasheet
255Kb / 14P
FemtoClock NG Crystal-to-LVCMOS/LVTTL Clock Synthesizer
logo
Renesas Technology Corp
840002-01 RENESAS-840002-01 Datasheet
454Kb / 14P
FemtoClock®, Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
11/12/14
840004I-01 RENESAS-840004I-01 Datasheet
540Kb / 18P
FemtoClock® Crystal-to-LVCMOS/ LVTTL Frequency Synthesizer
November 7, 2016
840N021 RENESAS-840N021 Datasheet
512Kb / 14P
FemtoClock® NG Crystal-to-LVCMOS/LVTTL Clock
8/14/15
840N022 RENESAS-840N022 Datasheet
456Kb / 14P
FemtoClock® NG Crystal-to-LVCMOS/LVTTL Clock
8/14/15
ICS840N051I RENESAS-ICS840N051I Datasheet
617Kb / 15P
FemtoClock® NG Crystal-to-LVCMOS/LVTTL Clock Synthesizer
OCTOBER 14, 2013
ICS840N021I-01 RENESAS-ICS840N021I-01 Datasheet
939Kb / 13P
FemtoClock® NG Crystal-to-LVCMOS/LVTTL Clock Synthesizer
2019
840024I RENESAS-840024I Datasheet
535Kb / 18P
FemtoClock® Crystal/LVCMOS-to- LVCMOS/LVTTL Frequency Synthesizer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com