Electronic Components Datasheet Search
  English  ▼

X  

DMT3003LFGQ Datasheet (PDF) - Diodes Incorporated

DMT3003LFGQ Datasheet PDF - Diodes Incorporated
Part # DMT3003LFGQ
Download  DMT3003LFGQ Download
File Size   438.04 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 30V N-CHANNEL ENHANCEMENT MODE MOSFET

DMT3003LFGQ Datasheet (PDF)

Go To PDF Page Download Datasheet
DMT3003LFGQ Datasheet PDF - Diodes Incorporated

Part # DMT3003LFGQ
Download  DMT3003LFGQ Click to download

File Size   438.04 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 30V N-CHANNEL ENHANCEMENT MODE MOSFET

DMT3003LFGQ Datasheet (HTML) - Diodes Incorporated


DMT3003LFGQ Product details

Description and Applications
This MOSFET is designed to meet the stringent requirements of
automotive applications. It is qualified to AEC-Q101, supported by a
PPAP and is ideal for use in:
 Backlighting
 Power Management Functions
 DC-DC Converters

Features and Benefits
 Low RDS(ON) – Ensures On-State Losses are Minimized
 Excellent QGD × RDS(ON) Product (FOM)
 Advanced Technology for DC-DC Converters
 Small Form Factor Thermally Efficient Package Enables Higher
Density End Products
 Occupies Just 33% of the Board Area Occupied by SO-8 Enabling
Smaller End Product
 100% Unclamped Inductive Switching, Test in Production –
Ensures More Reliable And Robust End Application
 Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 Qualified to AEC-Q101 Standards for High Reliability
 PPAP Capable (Note 4)




Similar Part No. - DMT3003LFGQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT3003LFG DIODES-DMT3003LFG Datasheet
509Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMT3003LFG-13 DIODES-DMT3003LFG-13 Datasheet
509Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMT3003LFG-7 DIODES-DMT3003LFG-7 Datasheet
509Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
More results


Similar Description - DMT3003LFGQ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3400N3 CYSTEKEC-MTN3400N3 Datasheet
657Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K16N3 CYSTEKEC-MTN3K16N3 Datasheet
518Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN351AN3 CYSTEKEC-MTN351AN3 Datasheet
474Kb / 5P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com